Electronic Components Datasheet Search
  English  ▼

X  

P25Q16SL Datasheet(PDF) 39 Page - Puya Semiconductor Co., Ltd.

Part # P25Q16SL
Description  Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q16SL Datasheet(HTML) 39 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q16SL Datasheet HTML 35Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 36Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 37Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 38Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 39Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 40Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 41Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 42Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
P25Q16SL Datasheet
Puya Semiconductor
Page 39 of 110
10.9 Write Configure Register (WRCR)
The Write Configure Register (WRCR) command allows new values to be written to the Configure Register.
Before it can be accepted, a Write Enable (WREN) command must previously have been executed. After the
Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable Latch
(WEL).
The sequence of issuing WRCR instruction is: CS# goes low→ sending WRCR instruction code→ Configure
Register data on SI→CS# goes high.
The CS# must go high exactly at the 8 bits data boundary; otherwise, the instruction will be rejected and not
executed. The self-timed Write Status Register cycle time (tW) is initiated as soon as Chip Select (CS#) goes
high. The Write in Progress (WIP) bit still can be checked during the Write Status Register cycle is in progress.
The WIP sets 1 during the tW timing, and sets 0 when Write Configure Register Cycle is completed, and the
Write Enable Latch (WEL) bit is reset.
Figure 10-9 Write Configure Register (WRCR) Sequence (Command 11)
Command
0
1
2
3
4
5
6
7
11H
CS#
SCLK
SI
SO
High - Z
8
9
10
11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Configure Register in
Figure 10-9a Write Configure Register (WRCR) Sequence (QPI)
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
Command
11H
0
1
2
3
4
0
5
1
6
2
7
3
Configure Register in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com