Electronic Components Datasheet Search
  English  ▼

X  

P25Q16SL Datasheet(PDF) 80 Page - Puya Semiconductor Co., Ltd.

Part # P25Q16SL
Description  Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q16SL Datasheet(HTML) 80 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q16SL Datasheet HTML 76Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 77Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 78Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 79Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 80Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 81Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 82Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 83Page - Puya Semiconductor Co., Ltd. P25Q16SL Datasheet HTML 84Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
P25Q16SL Datasheet
Puya Semiconductor
Page 80 of 110
10.44 Read Electronic Manufacturer ID & Device ID (REMS)
The REMS instruction returns both the JEDEC assigned manufacturer ID and the device ID. The Device ID
values are listed in "Table ID Definitions".
The REMS instruction is initiated by driving the CS# pin low and sending the instruction code "90h" followed
by two dummy bytes and one address byte (A7~A0). After which the manufacturer ID for PUYA (85h) and the
device ID are shifted out on the falling edge of SCLK with the most significant bit (MSB) first. If the address
byte is 00h, the manufacturer ID will be output first, followed by the device ID. If the address byte is 01h, then
the device ID will be output first, followed by the manufacturer ID. While CS# is low, the manufacturer and
device IDs can be read continuously, alternating from one to the other. The instruction is completed by driving
CS# high.
Figure 10-42 Read Electronic Manufacturer & Device ID (REMS) Sequence (Command 90)
Command
90H
CS#
SCLK
SI
SO
High-Z
3
2
1
0
23 22
21
2 dummy byte and
1 address byte
MSB
6
5
4
3
2
1
0
7
Device ID
CS#
SCLK
SI
SO
MSB
Manufacturer ID
6
5
4
3
2
1
0
7
0
1
2
3
4
5
6
7
8
9 10
28 29 30 31
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
Figure 10-42a Read Electronic Manufacturer & Device ID (REMS) Sequence (QPI)
20
16
12
8
4
0
4
0
4
0
21
17
13
9
5
1
5
1
5
1
22
18
14
10
6
2
6
2
6
2
23
19
15
11
7
3
7
3
7
3
Command
90H
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
0
1
2
3
4
5
6
7
8
9
10
A23-16
A15-8
A7-0
MID
Device ID
IO switch from
input to output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com