Electronic Components Datasheet Search
  English  ▼

X  

TPS54560 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54560 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS54560 Datasheet HTML 28Page - Texas Instruments TPS54560 Datasheet HTML 29Page - Texas Instruments TPS54560 Datasheet HTML 30Page - Texas Instruments TPS54560 Datasheet HTML 31Page - Texas Instruments TPS54560 Datasheet HTML 32Page - Texas Instruments TPS54560 Datasheet HTML 33Page - Texas Instruments TPS54560 Datasheet HTML 34Page - Texas Instruments TPS54560 Datasheet HTML 35Page - Texas Instruments TPS54560 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
(
)
(
)
=
-
´
TH
TOT
A max
J max
T
T
R
P
=
+
´
J
A
TH
TOT
T
T
R
P
TOT
COND
SW
GD
Q
P
P
P
P
P
0.958 W
0.118 W
0.014 W
0.0018 W
1.092 W
=
+
+
+
=
+
+
+
=
=
´
=
´
m
=
Q
IN
Q
P
V
I
12 V
146
A
0.0018 W
GD
IN
G
SW
P
V
Q
12 V
3nC
400 kHz
0.014 W
=
´
´
=
´
´
=
f
SW
IN
SW
OUT
rise
P
V
I
t
12 V
400 kHz
5 A
4.9 ns
0.118 W
=
´
´
´
=
´
´
´
=
f
(
)
( )
2
2
OUT
COND
OUT
DS on
IN
V
5 V
P
I
R
5 A
92 m
0.958 W
V
12 V
æ
ö
=
´
´
=
´
W ´
=
ç
÷
è
ø
TPS54560
SLVSBN0 – MARCH 2013
www.ti.com
Power Dissipation Estimate
The following formulas show how to estimate the TPS54560 power dissipation under continuous conduction
mode (CCM) operation. These equations should not be used if the device is operating in discontinuous
conduction mode (DCM).
The power dissipation of the IC includes conduction loss (PCOND), switching loss (PSW), gate drive loss (PGD) and
supply current (PQ). Example calculations are shown with the 12 V typical input voltage of the design example.
(49)
spacer
(50)
spacer
(51)
spacer
(52)
Where:
IOUT is the output current (A).
RDS(on) is the on-resistance of the high-side MOSFET (Ω).
VOUT is the output voltage (V).
VIN is the input voltage (V).
fsw is the switching frequency (Hz).
trise is the SW pin voltage rise time and can be estimated by trise = VIN x 0.16 ns/V + 3 ns
QG is the total gate charge of the internal MOSFET
IQ is the operating nonswitching supply current
Therefore,
(53)
For given TA,
(54)
For given TJMAX = 150°C
(55)
Where:
Ptot is the total device power dissipation (W).
TA is the ambient temperature (°C).
TJ is the junction temperature (°C).
RTH is the thermal resistance of the package (°C/W).
TJMAX is maximum junction temperature (°C).
TAMAX is maximum ambient temperature (°C).
There will be additional power losses in the regulator circuit due to the inductor ac and dc losses, the catch diode
and PCB trace resistance impacting the overall efficiency of the regulator.
32
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com