Electronic Components Datasheet Search
  English  ▼

X  

TPS54560 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54560 Datasheet HTML 9Page - Texas Instruments TPS54560 Datasheet HTML 10Page - Texas Instruments TPS54560 Datasheet HTML 11Page - Texas Instruments TPS54560 Datasheet HTML 12Page - Texas Instruments TPS54560 Datasheet HTML 13Page - Texas Instruments TPS54560 Datasheet HTML 14Page - Texas Instruments TPS54560 Datasheet HTML 15Page - Texas Instruments TPS54560 Datasheet HTML 16Page - Texas Instruments TPS54560 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1.008
101756
sw (kHz) =
RT (k )
f
W
0.991
92417
RT (k ) =
sw (kHz)
f
W
f
=
SS
SW
1024
t
(ms)
(kHz)
=
-
+
ENA
UVLO2
START
ENA
1
UVLO1
V
R
V
V
I
R
-
=
START
STOP
UVLO1
HYS
V
V
R
I
TPS54560
i
VIN
RUVLO1
RUVLO2
EN
V
EN
ihys
1
VIN
R
UVLO1
R
UVLO2
EN
Node
5.8 V
10 kW
TPS54560
www.ti.com
SLVSBN0 – MARCH 2013
DETAILED DESCRIPTION (continued)
Figure 24. Adjustable Undervoltage Lockout
Figure 25.
(UVLO)
(2)
(3)
Internal Soft-Start
The TPS54560 has an internal digital soft-start that ramps the reference voltage from zero volts to its final value
in 1024 switching cycles. The internal soft-start time (10% to 90%) is calculated using Equation 4
(4)
If the EN pin is pulled below the stop threshold of 1.2 V, switching stops and the internal soft-start resets. The
soft-start also resets in thermal shutdown.
Constant Switching Frequency and Timing Resistor (RT/CLK) Pin)
The switching frequency of the TPS54560 is adjustable over a wide range from 100 kHz to 2500 kHz by placing
a resistor between the RT/CLK pin and GND pin. The RT/CLK pin voltage is typically 0.5 V and must have a
resistor to ground to set the switching frequency. To determine the timing resistance for a given switching
frequency, use Equation 5 or Equation 6 or the curves in Figure 5 and Figure 6. To reduce the solution size one
would typically set the switching frequency as high as possible, but tradeoffs of the conversion efficiency,
maximum input voltage and minimum controllable on time should be considered. The minimum controllable on
time is typically 135 ns which limits the maximum operating frequency in applications with high input to output
step down ratios. The maximum switching frequency is also limited by the frequency foldback circuit. A more
detailed discussion of the maximum switching frequency is provided in the next section.
(5)
(6)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS54560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com