Electronic Components Datasheet Search
  English  ▼

X  

TPS54560 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54560 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54560 Datasheet HTML 17Page - Texas Instruments TPS54560 Datasheet HTML 18Page - Texas Instruments TPS54560 Datasheet HTML 19Page - Texas Instruments TPS54560 Datasheet HTML 20Page - Texas Instruments TPS54560 Datasheet HTML 21Page - Texas Instruments TPS54560 Datasheet HTML 22Page - Texas Instruments TPS54560 Datasheet HTML 23Page - Texas Instruments TPS54560 Datasheet HTML 24Page - Texas Instruments TPS54560 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
0.991
92417
RT (k ) =
= 244 k
400 (kHz)
W
W
SW(shift)
8
6 A x 11 m
0.1 V
0.7 V
855 kHz
135 ns
60 V - 6 A x 92 m
0.7 V
W +
+
æ
ö
=
´
=
ç
÷
W +
è
ø
f
SW(max skip)
1
5 A x 11 m
5 V
0.7 V
708 kHz
135ns
60 V - 5 A x 92 m
0.7 V
W +
+
æ
ö
=
´
=
ç
÷
W +
è
ø
f
TPS54560
www.ti.com
SLVSBN0 – MARCH 2013
APPLICATION INFORMATION
Design Guide — Step-By-Step Design Procedure
This guide illustrates the design of a high frequency switching regulator using ceramic output capacitors. A few
parameters must be known in order to start the design process. These requirements are typically determined at
the system level. Calculations can be done with the aid of WEBENCH or the excel spreadsheet (slvc452) located
on the product page. For this example, we will start with the following known parameters:
Output Voltage
5 V
Transient Response 1.25 A to 3.75 A load step
ΔVOUT = 4 %
Maximum Output Current
5 A
Input Voltage
12 V nom. 7 V to 60 V
Output Voltage Ripple
0.5% of VOUT
Start Input Voltage (rising VIN)
6.5 V
Stop Input Voltage (falling VIN)
5 V
Selecting the Switching Frequency
The first step is to choose a switching frequency for the regulator. Typically, the designer uses the highest
switching frequency possible since this produces the smallest solution size. High switching frequency allows for
lower value inductors and smaller output capacitors compared to a power supply that switches at a lower
frequency. The switching frequency that can be selected is limited by the minimum on-time of the internal power
switch, the input voltage, the output voltage and the frequency foldback protection.
Equation 7 and Equation 8 should be used to calculate the upper limit of the switching frequency for the
regulator. Choose the lower value result from the two equations. Switching frequencies higher than these values
results in pulse skipping or the lack of overcurrent protection during a short circuit.
The typical minimum on time, tonmin, is 135 ns for the TPS54560. For this example, the output voltage is 5 V and
the maximum input voltage is 60 V, which allows for a maximum switch frequency up to 708 kHz to avoid pulse
skipping from Equation 7. To ensure overcurrent runaway is not a concern during short circuits use Equation 8 to
determine the maximum switching frequency for frequency foldback protection. With a maximum input voltage of
60 V, assuming a diode voltage of 0.7 V, inductor resistance of 11 m
Ω, switch resistance of 92 mΩ, a current
limit value of 6 A and short circuit output voltage of 0.1 V, the maximum switching frequency is 855 kHz.
For this design, a lower switching frequency of 400 kHz is chosen to operate comfortably below the calculated
maximums. To determine the timing resistance for a given switching frequency, use Equation 5 or the curve in
Figure 6. The switching frequency is set by resistor R3 shown in Figure 35. For 400 kHz operation, the closest
standard value resistor is 243 k
Ω.
(23)
(24)
(25)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS54560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com