Electronic Components Datasheet Search
  English  ▼

X  

9341C Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 9341C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9341C Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  9341C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4/6
Piezoelectric Load Cells – for measuring dynamic and quasistatic tensile and compression forces,
Type 9301C ... 9371C
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Distributing cap Type 9500A...
The force distributing cap can be screwed in with a cylindrical tool.
Flange Type 9501A...
A socket head cap screw is supplied with the flange.
Fig. 1
Force link with flange and
pressure distributing cap.
Insert for compression force
loading.
Fig. 2
Force link with flanges fitted
on both sides. Insert for
compression force loading.
Type
Distribut. cap
D2
L
H4
R
d
9301C
9500A0
8,5
8
4
R10
2,2
9311C
9500A1
12,5
10
6
R15
3,2
9321C
9500A2
18
17
9
R25
4,3
9331C
9500A3
23
21
12
R35
4,3
9341C
9500A4
31
28
15
R45
6,4
9351C
9500A5
35
33
18
R50
6,4
9361C
9500A6
45
41
22
R65
8,4
9371C
9500A7
64
57
32
R90
8,4
Type
Flange
D3 H3 d1 d2 d3
C
H1
H2
(Fig. 1) (Fig. 2)
9301C 9501A0
25
9
8,5 18 3,2 8
37
41
9311C 9501A1
34
11 12,5 24 4,3 9
45
48
9321C 9501A2
44
18 18 33 5,3 16
70
77
9331C 9501A3
56
22 23 42 6,4 20
84
92
9341C 9501A4
70
29 31 52 8,4 27
104
116
9351C 9501A5
84
37 35 62 10,5 35
125
142
9361C 9501A6 102 44 45 77 13 42
152
172
9371C 9501A7 136 53 64 106 17 51
191
210
Force distribution cap
If the Force Link is not firmly installed in a structure on both
sides, there is always the risk, that the force might be intro-
duced eccentrically. The force distribution cap helps to signifi-
cantly increase the precision and repeatability of the measure-
ment with an exactly defined point of force application.
Flange
If installation with the central bolt is not possible directly, the
flange 9501Ax is installed. The precision part can be used for
both compressive and tensile forces, as shown examples A...D
on page 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com