Electronic Components Datasheet Search
  English  ▼

X  

9341C Datasheet(PDF) 5 Page - KISTLER INSTRUMENT CORPORATION

Part # 9341C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9341C Datasheet(HTML) 5 Page - KISTLER INSTRUMENT CORPORATION

  9341C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5/6
Piezoelectric Load Cells – for measuring dynamic and quasistatic tensile and compression forces,
Type 9301C ... 9371C
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Measuring chain
Measure
Connect
Amplify
Connecting cable
All sensors of 9301C...9371C feature a KIAG 10-32 neg.
connection and are compatible accordingly with all KIAG
10-32 pos. cable connectors. Only high-insulation coaxial
cables with low capacitance that produce only a very small
amount of static electricity may be used as connecting cables
for piezoelectric sensors. Kistler uses cables made of high-qua-
lity PFA or oil-proof FPM here.
On the sensor side, the IP protection class acc. to EN60529
is generally dependent on the used connector. For IP65, the
standard 10-32 KIAG cable connector with knurled nut is
used; for increased requirements in harsh environments, the
industrial-suited 10-32 KIAG pos. int. version is used which,
if necessary, can be tightly welded with the sensor case and
IP68 achieved.
Fig. 3: Measuring chain
Compatibilities of cables and charge amplifiers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com