Electronic Components Datasheet Search
  English  ▼

X  

9341C Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9341C
Description  Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9341C Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9341C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9341C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2/6
Piezoelectric Load Cells – for measuring dynamic and quasistatic tensile and compression forces,
Type 9301C ... 9371C
© 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group pro-
ducts are protected by several intellectual property rights. For more details see
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves the
right to make technical changes. Liability for consequential damage resulting from
the use of Kistler products is excluded.
Technical Data
Type
9301C
9311C
9321C
9331C
9341C
9351C
9361C
9371C
Nominal force
kN
±3
±6
±14
±24
±36
±48
±80
±160
Calibrated range 1
kN
0 ... 3
0 ... 6
0 ... 14
0 ... 24
0 ... 36
0 ... 48
0 ... 80
0 ... 160
Calibrated range 2
kN
0 ... 0.03
0 ... 0.06
0 ... 0.14
0 ... 0.24
0 ... 0.36
0 ... 0.48
0 ... 0.8
0 ... 1.6
Calibrated range 3
kN
0 ... -3
0 ... -6
0 ... -14
0 ... -24
0 ... -36
0 ... -48
0 ... -80
0 ... -160
Maximum force
kN
±3.3
±6.6
±15.4
±26.4
±39.6
±52.8
±88
±176
Sensitivity
pC/N
-3.1 ±0.3
-3.4 ±0.3
-3.7 ±0.3
-3.9 ±0.3
-4.0 ±0.3
-3.9 ±0.3
Linearity incl. hysteresis
%FSO
±0.5
±0.7
Natural frequency
(free-free) f0fz calc.
kHz
58.5
50.6
41.2
36.9
29.7
27.9
23.8
19.9
Axial stiffness (calc.)
N/µm
245
398
724
1 150
1 510
1 756
2 597
4 794
Lateral stiffness (calc.) 1)
N/µm
6
14
27
48
74
86
136
316
Shear stiffness (calc.)
N/µm
22
47
76
130
210
229
349
733
Torsional stiffness (calc.)
Nm/°
15
53
254
633
1 387
2 269
5 540
21 231
Bending stiffness (calc.)
Nm/°
22
78
355
865
1 926
3 105
7 619
28 411
Maximum bending moment
Fz=0 calc.
N·m
4.2
12
49
104
195
312
640
1 955
Temperature sensitivity
Sensitivity change
(-40°C ... 120°C, Tref = 25°C) %
±2.5
±1.5
Operating temperature range °C
-40 … 120
Insulation resistance @23°C
Ω
≥1013
Ground insulation resistance
Ω
≥108
Sensor capacitance
pF
13.5±1
17±2
33±4
52±5
70±6
93±7
149±10
303±20
Connector type
KIAG 10-32 neg.
Degree of protection EN60529 IP
See table, page 5
Weight
g
14
28
90
170
330
480
1 020
2 500
1) Resistance of the sensor to shear and bending deformation. (Theoretical) assumption: The sensor is fixed at the bottom, the shear force acts at the top,
so that the lever length is equal to the total sensor height.
Type
M
D1
D2
D3
SW
H
H1
H2
s
t
9301C
M5
8,5
11
10,3
9
25
2
5
12,75
7,25
9311C
M6
12,5 15
14,5 13
30
3
5,5 14,85
7,25
9321C
M10
18
23
22,5 19
45
5
10
18,6
7,25
9331C
M12
23
29
28,5 24
52
5
11
21,65
7,25
9341C
M16
31
35
34,5 32
62
6
14,5 24,65
7,25
9351C
M20
35
41
40,5 36
72
7
18
27,65
7,25
9361C
M24
45
53
52,5 46
88
9
22
33,65
7,25
9371C
M30
64
76
77,2 65
108
10
28
45
6,75
Dimensions of Types 9301C ... 9371C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com