Electronic Components Datasheet Search
  English  ▼

X  

9367C Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 9367C
Description  Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9367C Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  9367C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3/6
Triaxial load cell – Measuring range in Fz ±3 kN up to -200 ... 450 kN
Types 9317C, 9327C, 9347C, 9367C, 9377C, 9397C
©2021 Kistler Group
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com.
Kistler Group products are protected by various intellectual property rights.
For more details visit www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Mounting
The two contact surfaces of the component which transfer the
forces onto the force link must be flat, rigid and clean. When
four force links are used to construct a dynamometer, they
must be machined to the same level. The base and cover plates
of the dynamometer must be selected for sufficient rigidity.
All mounting holes of the 3-component load cells have an
internal thread, which allows mounting with four dedicated
screws. In addition, a central screw connection is possible, if
necessary. The load cells of Type 9317C, 9327C, 9347C as well
as 9367C can alternatively be fastened from the inside with
four smaller screws. For information on the exact dimensioning
or tightening torques, please consult the operating instructions
at www.kistler.com/force.
Fig. 1: Exemplary application of a 3-component force transducer, here
using the Types 9347C/9348C as an example
Dimensions 3 axis load cells
Fig. 2: Dimensions of the triaxial load cell Type 9317C
Fig. 3: Dimensions of the triaxial load cell Type 9327C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com