Electronic Components Datasheet Search
  English  ▼

X  

9367C Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9367C
Description  Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9367C Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9367C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2/6
Triaxial load cell – Measuring range in Fz ±3kN up to -200 ... 450 kN
Types 9317C, 9327C, 9347C, 9367C, 9377C, 9397C
©2021 Kistler Group
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com.
Kistler Group products are protected by various intellectual property rights.
For more details visit www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type
9317C
9327C
9347C
9367C
9377C
9397C
Range
(Without moment loading,
e.g. when four force links are
mounted in a force plate)
Fx, Fy
kN
-1.5 ... 1.5
-4 ... 4
-15 ... 15
-30 … 30
-75 … 75
−100 ... 100
Range
(Example with force application point
on the surface of the cover plate)
Fx, Fy
kN
-0.2 … 0.2
-1 … 1
-5 … 5
-10 … 10
-30 … 30
-60 ... 60
Range
(Force application point centric)
Fz
kN
-3 … 3
-8 … 8
-30 … 30
-60 … 60
-150 … 150
-200 ... 450
Overload
Fx, Fy, Fz
%
≤10
≤20
≤10
≤10
≤10
≤10
Calibrated range
(Force application point 10 mm
below the surface of the cover plate)
Fx, Fy
kN
0 … 0.5
0 … 0.05
0 … 1
0 … 0.1
0 … 5
0 … 0.5
0 … 10
0 … 1
0 … 30
0 … 3
0 ... 45
0 ... 4.5
Calibrated range
(Force application point centric)
Fz
kN
0 … 3
0 … 0.3
0 … 8
0 … 0.8
0 … 30
0 … 3
0 … 60
0 … 6
0 … 150
0 … 15
0 …300
0 … 30
Permissible moment load
(Mz = 0; Fz = 0)
Mx, My
N·m
-8/8
-22/22
-150/150
-500/500
-2 040/
2 040
-4 500/4 500
Permissible moment load
(Mx,y = 0, Fz = 0)
Mz
N·m
-6/6
-23/23
-150/150
-500/500
-2 040/
2 040
-11 000/
11 000
Threshold
N
≤0.01
Sensitivity
Fx, Fy
pC/N
≈-26
≈-7.8
≈-8
≈-7.6
≈-3.9
≈-3.7
Fz
pC/N
≈-11
≈-3.8
≈-3.7
≈-3.9
≈-1.95
≈-1.95
Linearity, each axis
%FSO
≤±0.5
Crosstalk
(Crosstalk Fx, Fy → Fz is ≤±2%
when, for example, four force links
are mounted in a dynamometer)
Fz
→ Fx,Fy
%
≤±1
≤±1
≤±1
≤±1
≤±1
≤±1
Fx
↔ Fy
%
≤±3
≤±3
≤±2
≤±2
≤±2
≤±2
Fx, Fy
→ Fz
%
≤±4
≤±3
≤±3
≤±3
≤±3
≤±4
Stiffness
Axial
N/μm
877
1 379
2 749
3 880
8465
13 362
Lateral (1)
N/μm
45
73
205
312
1 011
1 531
Shear
N/μm
194
391
890
1 167
2 795
2 806
Torsional
Nm/°
227
682
4 834
16 093
110 630
277 750
Bending
Nm/°
222
625
4 572
14 778
106 540
332 180
Natural frequency
fn (x)
kHz
≈5
≈3.2
≈3.6
≈2.4
≈2.0
≈10.3
fn (y)
kHz
≈5
≈3.2
≈3.6
≈2.4
≈2.0
≈10.3
fn (z)
kHz
≈20
≈12
≈10
≈6
≈6.0
≈12.7
Operating temperature range
°C
-40 … 120
-40 … 80
Insulation resistance at 20 °C
Ω
>1013
>1012
Ground isolated
Ω
>108
Capacitance, each channel
pF
35
30
70
100
1 000
1 000
Connecting plug
V3 neg.
Weight
kg
0.085
0.380
1.0
3.0
10.5
13.84
Degree of protection
Depending on the type of
used cable, Type 1698A ...
IP65 - IP68
(1) Resistance of the sensor to shear and bending deformation. (Theoretical) assumption: The sensor is fixed at the bottom,
the shear force acts at the top, so that the lever length is equal to the total sensor height.
Technical data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com