Electronic Components Datasheet Search
  English  ▼

X  

9367C Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9367C
Description  Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9367C Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9367C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9367C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1/6
Force
Triaxial load cell
Measuring range in Fz ±3 kN up to -200 ... 450 kN
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
©2020 Kistler Group
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com.
Kistler Group products are protected by various intellectual property rights.
For more details visit www.kistler.com.
Types 9317C, 9327C, 9347C,
9367C, 9377C, 9397C
These triaxial piezoelectric force transducer are piezoelectric
load cells for the exact measurement of all forces on
the three orthogonal components acting in an arbitrary direc-
tion. Independent of the point of force application, the piezo
force transducers with the installed triaxial force sensors of the
90x7 family measure all 3 components of the applied force in
highest resolution.
The 3 axis load cell out of the 93x7 product family is optimally
preloaded, calibrated and immediately ready to measure.
• Accurate measurement independent of the force
application point
• Wide frequency range
• Easy installation
• Stainless, sealed sensor case
• Rugged multipole plug connection
Description
The 3 axis load cell is mounted under preload between two
plates and measures both tensile and compression forces in
all directions.
Based on the piezoelectric principle, a force produces a propor-
tional electric charge. This is conducted via an electrode to the
appropriate connector.
The simple and vibration-resistant design of the force link is
very rigid resulting in a high natural frequency, which is a
requirement for highly dynamic force measurements.
The 3-pole connector V3 neg. (design protected) is provided
with a positioning aid. This guarantees accurate assignment
and centering of the connector pins and sockets before
connection. The plug connection is protected against rotation.
After correct installation, the sensor is ready for use without
recalibration.
Quartz triaxial force transducer allow simple, direct and very
precise measurements.
Application
3 axis load cells measure:
• Cutting forces during machining
• Impact forces in crash tests
• Recoil forces of rocket engines
• Vibration forces of components for space travel
Fz
Fx
Fy
• Friction forces
• Forces in product testing
• Ground reaction forces in biomechanics
• Vehicle forces on a road and a test stand
• Forces on a wind tunnel balance


Similar Part No. - 9367C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9367 BELDEN-9367 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0601000 BELDEN-9367-0601000 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0602500 BELDEN-9367-0602500 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-060500 BELDEN-9367-060500 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9367-0605000 BELDEN-9367-0605000 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
More results

Similar Description - 9367C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
914XB KISTLER-914XB Datasheet
295Kb / 5P
SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
93X5B KISTLER-93X5B Datasheet
2Mb / 4P
2-Component Sensor Fz, Mz –20 … 20 kN and –200 … 200 N·m
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9286B KISTLER-9286B Datasheet
1Mb / 4P
Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com