Electronic Components Datasheet Search
  English  ▼

X  

MDLS16163-LED01 Datasheet(PDF) 6 Page - Varitronix international limited

Part # MDLS16163-LED01
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MDLS16163-LED01 Datasheet(HTML) 6 Page - Varitronix international limited

Back Button MDLS16163-LED01 Datasheet HTML 2Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 3Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 4Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 5Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 6Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 7Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 8Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 9Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 10Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VL-FS-MDLS16163-04 REV. B
(MDLS16163-LED01)
FEB/2004
PAGE 6 OF 12
3.
Interface signals
Table 2
Pin No.
Symbol
Description
1
VSS
Ground (0V).
2
VDD
Power supply for logic (+5V)
3
V0
Power supply for LCD driver
4
RS
Register Select Input:
“High” for Data register (for read and write)
“Low” for Instruction register (for write),
Busy flag, address counter (for read)
5
R/W
Read/Write signal:
“High” for Read mode.
“Low” for Write mode.
6
E
Enable.
Start signal for data read /write.
7
DB0
Data input/output (LSB)
8
DB1
Data input/output
9
DB2
Data input/output
10
DB3
Data input/output
11
DB4
Data input/output
12
DB5
Data input/output
13
DB6
Data input/output
14
DB7
Data input/output (MSB)
15
LED(+)
Anode of LED backlight
16
LED(-)
Cathode of LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com