Electronic Components Datasheet Search
  English  ▼

X  

MDLS16163-LED01 Datasheet(PDF) 8 Page - Varitronix international limited

Part # MDLS16163-LED01
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MDLS16163-LED01 Datasheet(HTML) 8 Page - Varitronix international limited

Back Button MDLS16163-LED01 Datasheet HTML 4Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 5Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 6Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 7Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 8Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 9Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 10Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 11Page - Varitronix international limited MDLS16163-LED01 Datasheet HTML 12Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VL-FS-MDLS16163-04 REV. B
(MDLS16163-LED01)
FEB/2004
PAGE 8 OF 12
5.
Electrical Specifications
5.1 Typical Electrical Characteristics
At Ta = 25
°C, VDD = 5V±5%, VSS=0V.
Table 5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage (Logic)
VDD-VSS
4.75
5.00
5.25
V
Supply voltage (LCD)
VLCD
=VDD-V0
VDD =5.0V,
Note1.
4.75
5.00
5.25
V
VIH
“H” level
2.2
-
VDD
V
Input signal voltage
for E,DB0-DB7,R/W,RS. VIL
“L” level
-0.3
-
0.8
V
VIH2
“H” level
VDD-
1.0
-
VDD
V
Input signal voltage 2
for OSC1
VIL2
“L” level
VSS
-
1.0
V
Character mode,
Note 1
-
1.41
2.11
mA
Supply Current
(Logic & LCD)
IDD
Checker board
mode, Note 1
-
1.61
2.41
mA
Character mode,
Note 1
-
0.57
0.86
mA
Supply Current (LCD)
I0
Checker board
mode, Note 1
-
0.57
0.86
mA
Supply voltage of
yellow-green LED01
backlight
VLED01
Forward current
=2x10=20mA
Number of LED
chips=2 X 2 = 4.
3.8
4.1
4.5
V
Note 1: There is tolerance in optimum LCD driving voltage during production and it will be within
the specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com