Electronic Components Datasheet Search
  English  ▼

X  

SD33240E Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SD33240E
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33240E Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SD33240E Datasheet HTML 8Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 9Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 10Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 11Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 12Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 13Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 14Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 15Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
8
   
Voice Solutions in Silicon™
 ""! 
 &  !& ,&  " , , "& & & ( ( #&&! +
!( 4+  4+4( &  & &(  ! && &
 ' ( )  ( *                 )+,* -
  .       (      $       ) /   *
&             -   
/    )/*   (     .    
Figure 4: SPI Interface Simplified Block Diagram
Table 3: SPI Control Register
Control
Register
Bit
Device Function
Control
Register
Bit
Device Function
?
 *)(! "  4*)(! * $!"*. 

*4.!" $ !" ' ."(
@
@


.*".
.$
@
@


 !"#$
 !"#
A
!(!'.4 (*, " !'"+ $!"*. 
1B
> "! *++"!44 ' ."( ) .
@
@


(*,
!'"+
@
@


> "! $7. *++"!44 "!> 4.!" 9131<
4! .8! $7. *++"!44 "!> 4.!"
' .! .4 -" * $!"*.  9131<
=
 *)(! "  4*)(! !44*>! =7! > 3
7.$7. - .8! " $ .!" "!> 4.!"
@
@


 *)(! !44*>! =7! >
 4*)(! !44*>! =7! >
131
 $7. *++"!44 "!> 4.!"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com