Electronic Components Datasheet Search
  English  ▼

X  

SD33240E Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SD33240E
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33240E Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SD33240E Datasheet HTML 14Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 15Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 16Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 17Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 18Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 19Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 20Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 21Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
14
   
Voice Solutions in Silicon™
 "  . 4 " 3 567   2
   81       .          9  :       $
  
 '  .   6;.     1  2   & <=      66 .
 2  2   
  3232 ><= 3 & 3 2 32       
       
 %
1?1 ?3  $7. !4 4.* '!



Ω
1
1?1 ?E " 1?1 ?3 . 1 / I*

+B

Table 11: AC Parameters (Die)
Symbol
Characteristic
Min(2)
Typ(1)
Max(2)
Units
Conditions
;
*6$( > ;"!K7! ', 















; 
; (.!" *44 B* +












+B ((#--  .   
+B ((#--  .   
+B ((#--  .   
+B ((#--  .   
/
!'"+ 7"*. 












4!'
4!'
4!'
4!'
 
 
 
 
/
(*,)*'5 7"*. 












4!'
4!'
4!'
4!'
 
 
 
 
/
 !"#$ !(*,












64!'
64!'
64!'
64!'




/ "
/
.$ " *74!
!'"+ " (*,








64!'
64!'
64!'
64!'
/
1= =('5 !" +












64!'
64!'
64!'
64!'
 !
 !
 !
 !
Table 10: DC Parameters (Die)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com