Electronic Components Datasheet Search
  English  ▼

X  

SD33240E Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SD33240E
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33240E Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SD33240E Datasheet HTML 11Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 12Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 13Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 14Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 15Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 16Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 17Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 18Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
11
   
ISD
/
!'"+ 7"*. 




































4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
/
(*,)*'5 7"*. 




































4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
4!'
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
=66!"' *( 
H.! +!+
 +74." *(
/
 !"#$ !(*,




































64!'
64!'
64!'
64!'
64!'
64!'
64!'
64!'
64!'
64!'
64!'
64!'
=66!"' *(
H.! +!+
 +74." *(
=66!"' *(
H.! +!+
 +74." *(
=66!"' *(
H.! +!+
 +74." *(
=66!"' *(
H.! +!+
 +74." *(
/ "
/
.$ " *74!
!'"+ " (*,








64!'
64!'
64!'
64!'
Table 7: AC Parameters (Packaged Parts)
Symbol
Characteristic
Min(2)
Typ(1)
Max(2)
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com