Electronic Components Datasheet Search
  English  ▼

X  

BLV33 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BLV33
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BLV33 Datasheet HTML 12Page - NXP Semiconductors BLV33 Datasheet HTML 13Page - NXP Semiconductors BLV33 Datasheet HTML 14Page - NXP Semiconductors BLV33 Datasheet HTML 15Page - NXP Semiconductors BLV33 Datasheet HTML 16Page - NXP Semiconductors BLV33 Datasheet HTML 17Page - NXP Semiconductors BLV33 Datasheet HTML 18Page - NXP Semiconductors BLV33 Datasheet HTML 19Page - NXP Semiconductors BLV33 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1996 Oct 10
16
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33
PACKAGE OUTLINE
Fig.22 SOT147.
handbook, full pagewidth
MBC850
e
c
b
e
13 max
29
27
29
27
6.5
min
(4x)
(4x)
5.9
5.5
1.9
max
5.30
4.85
13.4
12.6
8.3
max
1/4"x 28 UNF
0.14
11
5.5
metal
BeO
ceramic
Dimensions in mm.
Torque on nut: min. 2.3 Nm; max. 2.7 Nm.
Diameter of clearance hole in heatsink: max. 6.4 mm.
Mounting hole to have no burrs at either end.
De-burring must leave surface flat; do not chamfer or countersink either end of hole.
When locking is required an adhesive is preferred instead of a lock washer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com