Electronic Components Datasheet Search
  English  ▼

X  

BLV33 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV33
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV33 Datasheet HTML 1Page - NXP Semiconductors BLV33 Datasheet HTML 2Page - NXP Semiconductors BLV33 Datasheet HTML 3Page - NXP Semiconductors BLV33 Datasheet HTML 4Page - NXP Semiconductors BLV33 Datasheet HTML 5Page - NXP Semiconductors BLV33 Datasheet HTML 6Page - NXP Semiconductors BLV33 Datasheet HTML 7Page - NXP Semiconductors BLV33 Datasheet HTML 8Page - NXP Semiconductors BLV33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Oct 10
3
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter voltage
VBE =0
−
65
V
VCEO
collector-emitter voltage
open base
−
33
V
VEBO
emitter-base voltage
open collector
−
4V
IC
collector current (DC)
−
12.5
A
IC(AV)
average collector current
−
12.5
A
ICM
peak collector current
f > 1 MHz
−
20
A
Ptot
total power dissipation (DC)
Tmb =25 °C
−
132
W
Prf
RF power dissipation
f > 1 MHz; Tmb =25 °C
−
165
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb(dc)
thermal resistance from junction to
mounting base (DC dissipation)
Pdiss =80W; Tmb =82 °C; Th =70 °C
1.46
K/W
Rth j-mb(rf)
thermal resistance from junction to
mounting base (RF dissipation)
Pdiss =80W; Tmb =82 °C; Th =70 °C
1.17
K/W
Rth mb-h
thermal resistance from mounting
base to heatsink
Pdiss =80W; Tmb =82 °C; Th =70 °C
0.15
K/W
Fig.2 DC SOAR.
(1) Tmb =25 °C.
(2) Th =70 °C.
(3) Second breakdown limit (independent of temperature).
handbook, halfpage
MGG120
102
10
(1)
1
110
102
VCE (V)
IC
(A)
(2)
(3)
Fig.3 Power derating curves.
(1) Continuous DC (including RF class-A) operation.
(2) Continuous RF operation.
handbook, halfpage
200
150
50
100
(2)
(1)
MGG119
0
100
50
Ptot
(W)
Th (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com