Electronic Components Datasheet Search
  English  ▼

X  

BLV33 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV33
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV33 Datasheet HTML 1Page - NXP Semiconductors BLV33 Datasheet HTML 2Page - NXP Semiconductors BLV33 Datasheet HTML 3Page - NXP Semiconductors BLV33 Datasheet HTML 4Page - NXP Semiconductors BLV33 Datasheet HTML 5Page - NXP Semiconductors BLV33 Datasheet HTML 6Page - NXP Semiconductors BLV33 Datasheet HTML 7Page - NXP Semiconductors BLV33 Datasheet HTML 8Page - NXP Semiconductors BLV33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Oct 10
2
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33
FEATURES
• Diffused emitter ballasting resistors for an optimum
temperature profile
• Gold sandwich metallization ensures excellent
reliability.
APPLICATIONS
• Primarily intended for use in linear VHF amplifiers for
television transmitters and transposers.
DESCRIPTION
NPN silicon planar epitaxial transistor encapsulated in a
1
⁄16" 4 fslead SOT147 capstan package with ceramic cap.
All leads are isolated from the stud.
PINNING - SOT147
PIN
SYMBOL
DESCRIPTION
1
c
collector
2
e
emitter
3
b
base
4
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM270
e
c
b
2
1
3
4
Top view
QUICK REFERENCE DATA
RF performance in a common emitter push-pull test circuit.
Notes
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
2. Television service (negative modulation, C.C.I.R. system).
MODE OF
OPERATION
fvision
(MHz)
VCE
(V)
IC, IC(ZS)
(A)
Th
(
°C)
dim(1)
(dB)
Po sync(1)
(W)
GP
(dB)
sync compr.(2)
sync in/sync out
(%)
CW, class-A
224.25
25
3.2
70
−55
>16.5
>9
25
−55
typ. 26
typ. 9.7
CW, class-AB
224.25
28
0.1
70
typ. 90
typ. 6.5
30/25
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com