Electronic Components Datasheet Search
  English  ▼

X  

TPS40140RHHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHT
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 9Page - Texas Instruments TPS40140RHHT Datasheet HTML 10Page - Texas Instruments TPS40140RHHT Datasheet HTML 11Page - Texas Instruments TPS40140RHHT Datasheet HTML 12Page - Texas Instruments TPS40140RHHT Datasheet HTML 13Page - Texas Instruments TPS40140RHHT Datasheet HTML 14Page - Texas Instruments TPS40140RHHT Datasheet HTML 15Page - Texas Instruments TPS40140RHHT Datasheet HTML 16Page - Texas Instruments TPS40140RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
www.ti.com
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
Table 4-1. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Power good indicators for CH1 output voltage. This open-drain output connects to a voltage via an
PGOOD1
30
O
external resistor
Power good indicators for CH2 output voltage. This open-drain output connects to a voltage via an
PGOOD2
15
O
external resistor
Power ground reference for the controller lower gate drivers. There should be a high current return path
PGND
23
-
from the sources of the lower MOSFETs to this pin.
A 20
µA current flows from this pin. In a single controller design, this pin should be grounded. In a multi
PHSEL
4
O
controller configuration, a 39- k
Ω resistor string sets the voltage on this pin determines the proper phasing
for the slaves. See the section on ' CLOCK MASTER, PHSEL AND CLKIO CONFIGURATIONS'
The output of the internal 5-V regulator. A 4.7-
µF ceramic capacitor should be connected from this pin to
VREG
21
O
PGND.
RT
6
I
Connecting a resistor from this pin to ground sets the oscillator frequency.
Connect to the switched node on converter CH1. It is the return for the CH 1 upper gate driver. There
should be a high current return path from the source of the upper MOSFET to this pin. This pin is also
SW1
25
I
used by the adaptive gate drive circuits to minimize the dead time between upper and lower MOSFET
conduction.
Connect to the switched node on converter CH2. It is the return for the CH 2 upper gate driver. There
should be a high current return path from the source of the upper MOSFET to this pin. This pin is also
SW2
20
I
used by the adaptive gate drive circuits to minimize the dead time between upper and lower MOSFET
conduction.
This is an input to the non-inverting input of the error amplifier CH1. This pin is normally connected to the
TRK1
33
O
soft-start capacitor or to another voltage that is tracked.
This is an input to the non-inverting input of the error amplifier CH2. This pin is normally connected to the
TRK2
12
O
soft-start capacitor or to another voltage that is tracked.
A voltage divider from VIN to this pin determines the input voltage that CH1 starts. When the voltage is
UVLO_CE1
29
I
between 0.5 V and 1.5 V the VREG regulator is enabled . When the voltage is 2.1 V or above CH1 soft
start is allowed to begin.
A voltage divider from VIN to this pin determines the input voltage that CH2 starts. When the voltage is
UVLO_CE2
16
I
between 0.5 V and 1.5 V the VREG regulator is enabled . When the voltage is 2.1 V or above CH2 soft
start is allowed to begin.
Power input for the controller 5V regulator and differential amplifier. A 1.0-
µF ceramic capacitor should be
VDD
17
I
connected from this pin to ground.
Non-inverting input of the differential amplifier. This pin should be connected to the output of the converter
VOUT
2
I
close to the load point. If the differential amplifier is not used, leave this pin open.
VSHARE
6
O
The 1.8 V reference output.
Submit Documentation Feedback
DEVICE INFORMATION
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com