Electronic Components Datasheet Search
  English  ▼

X  

TPS40140RHHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHT
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140RHHT Datasheet(HTML) 2 Page - Texas Instruments

  TPS40140RHHT Datasheet HTML 1Page - Texas Instruments TPS40140RHHT Datasheet HTML 2Page - Texas Instruments TPS40140RHHT Datasheet HTML 3Page - Texas Instruments TPS40140RHHT Datasheet HTML 4Page - Texas Instruments TPS40140RHHT Datasheet HTML 5Page - Texas Instruments TPS40140RHHT Datasheet HTML 6Page - Texas Instruments TPS40140RHHT Datasheet HTML 7Page - Texas Instruments TPS40140RHHT Datasheet HTML 8Page - Texas Instruments TPS40140RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
www.ti.com
Contents
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
1
INTRODUCTION
.......................................... 1
5.14
OUTPUT OVERVOLTAGE PROTECTION
......... 19
1.1
FEATURES
........................................... 1
5.15
CLKFLT, CLKIO PIN FAULT
........................ 19
1.2
APPLICATIONS
...................................... 1
5.16
PHSEL PIN FAULT
................................. 19
1.3
DESCRIPTION
....................................... 1
5.17
OVERTEMPERATURE
............................. 20
1.4
ORDERING INFORMATION
......................... 1
5.18
FAULT MASKING OPERATION
.................... 20
2
DEVICE RATINGS
........................................ 3
5.19
PROTECTION AND FAULT MODES
............... 20
2.1
ABSOLUTE MAXIMUM RATINGS
................... 3
5.20
SETTING THE SWITCHING FREQUENCY
........ 20
5.21
SYNCHRONIZING A SINGLE CONTROLLER TO
2.2
RECOMMENDED OPERATING CONDITIONS
..... 3
AN EXTERNAL CLOCK
............................. 21
2.3
ELECTROSTATIC DISCHARGE (ESD)
PROTECTION
........................................ 3
5.22
SPLIT INPUT VOLTAGE OPERATION
............. 22
2.4
PACKAGE DISSIPATION RATINGS
................. 3
5.23
CURRENT SENSE
................................. 23
2.5
ELECTRICAL CHARACTERISTICS
.................. 4
5.24
CURRENT SENSING AND BALANCING
........... 24
5.25
OVERCURRENT DETECTION AND HICCUP
3
TYPICAL CHARACTERISTICS
......................... 6
MODE
............................................... 24
4
DEVICE INFORMATION
............................... 11
5.26
CALCULATING OVERCURRENT PROTECTION
4.1
TERMINAL CONFIGURATION
..................... 11
LEVEL
............................................... 25
4.2
CLOCK MASTER AND CLOCK SLAVE
............ 11
5.27
CONFIGURING SINGLE AND MULTIPLE ICS
..... 28
4.3
VOLTAGE MASTER AND VOLTAGE SLAVE
...... 12
5.28
DIGITAL CLOCK SYNCHRONIZATION
............ 39
4.4
FUNCTIONAL BLOCK DIAGRAM
.................. 14
5.29
DESIGN EXAMPLES INFORMATION
.............. 41
5
APPLICATION INFORMATION
....................... 15
6
DESIGN EXAMPLES
................................... 42
5.1
FUNCTIONAL DESCRIPTION
...................... 15
6.1
Example 1: Dual-Output Configuration from 12 V to
5.2
DATA SHEET ORGANIZATION
.................... 15
3.3 V and 1.5 V DC-to-DC Converter Using a
TPS40140
........................................... 42
5.3
TYPICAL START UP SEQUENCE
.................. 15
6.2
Example 2: Two-Phase Single Output Configuration
5.4
TRACK (SOFT-START WITHOUT PRE-BIASED
From 12 V to 1.5 V DC/DC Converter Using a
OUTPUT)
............................................ 16
TPS40140
........................................... 49
5.5
SOFT-START WITH PRE-BIASED OUTPUTS
..... 16
6.3
Example 3: Four-Phase Single Output Configuration
5.6
TRACK FUNCTION IN CONFIGURING A SLAVE
From 12 V to 1.8 V DC-to-DC Converter Using Two
CHANNEL
........................................... 17
TPS40140
........................................... 52
5.7
DIFFERENTIAL AMPLIFER, U9
.................... 18
6.4
ABBREVIATIONS
................................... 58
5.8
POWER GOOD
..................................... 18
6.5
LAYOUT CONSIDERATIONS
...................... 59
5.9
SETTING THE OUTPUT VOLTAGE
................ 18
7
ADDITIONAL REFERENCES
......................... 60
5.10
PROGRAMMABLE INPUT UNDERVOLTAGE
7.1
Related Parts
....................................... 60
LOCK OUT PROTECTION
.......................... 19
7.2
References
......................................... 60
5.11
POWER ON RESET (POR)
......................... 19
7.3
Package Outline
..................................... 60
5.12
OVERCURRENT
.................................... 19
7.4
Recommended PCB Footprint
...................... 60
5.13
OUTPUT UNDERVOLTAGE PROTECTION
....... 19
2
Contents
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com