Electronic Components Datasheet Search
  English  ▼

X  

BLV910 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLV910
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV910 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLV910 Datasheet HTML 2Page - NXP Semiconductors BLV910 Datasheet HTML 3Page - NXP Semiconductors BLV910 Datasheet HTML 4Page - NXP Semiconductors BLV910 Datasheet HTML 5Page - NXP Semiconductors BLV910 Datasheet HTML 6Page - NXP Semiconductors BLV910 Datasheet HTML 7Page - NXP Semiconductors BLV910 Datasheet HTML 8Page - NXP Semiconductors BLV910 Datasheet HTML 9Page - NXP Semiconductors BLV910 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1995 Apr 11
6
Philips Semiconductors
Product specification
UHF power transistor
BLV910
List of components (see Figs 8 and 9)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C13
multilayer ceramic chip
capacitor; note 1
43 pF
C2, C3, C11, C12
film dielectric trimmer
1.4 pF to 5.5 pF
2222 809 09001
C4, C5
multilayer ceramic chip
capacitor; note 2
10 pF
C6
multilayer ceramic chip
capacitor; note 1
150 pF
C7, C16
ceramic capacitor
22 nF
2222 640 08223
C8, C19
solid aluminium capacitor
10
µF, 63 V
2222 030 38109
C14
multilayer ceramic chip
capacitor; note 1
20 pF
C9, C10
multilayer ceramic chip
capacitor; note 2
8.2 pF
C17
multilayer ceramic chip
capacitor; note 1
220 pF
C15, C18
multilayer ceramic chip
capacitor; note 1
62 pF
L1
stripline; note 3
50
Ω
length 17 mm
width 2.4 mm
L2, L3
stripline; note 3
50
Ω
length 14 mm
width 2.4 mm
L4
stripline; note 3
43
Ω
length 4 mm
width 3 mm
Fig.8 Class-AB test circuit at f = 960 MHz.
handbook, full pagewidth
MLC664
R1
L13
R2
L14
C7
C2
C3
C4
C11
C12
C9
C8
C1
C13
C18
C6
C5
C10
C15
C14
C17
,,,,,
,,,,,
,,,,,,
,,,,,,
L1
L2
L3
L12
L11
L4
L8
L9
L10
L5 L6 L7
input
50
Ω
output
50
Ω
VB
C16
C19
VCC
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com