Electronic Components Datasheet Search
  English  ▼

X  

BLV910 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLV910
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV910 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLV910 Datasheet HTML 3Page - NXP Semiconductors BLV910 Datasheet HTML 4Page - NXP Semiconductors BLV910 Datasheet HTML 5Page - NXP Semiconductors BLV910 Datasheet HTML 6Page - NXP Semiconductors BLV910 Datasheet HTML 7Page - NXP Semiconductors BLV910 Datasheet HTML 8Page - NXP Semiconductors BLV910 Datasheet HTML 9Page - NXP Semiconductors BLV910 Datasheet HTML 10Page - NXP Semiconductors BLV910 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1995 Apr 11
7
Philips Semiconductors
Product specification
UHF power transistor
BLV910
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. American Technical Ceramics type 100A or capacitor of same quality.
3. The striplines are on double-clad PCB with PTFE fibre-glass dielectric (
εr = 2.2); thickness 1⁄32".
L5, L6
stripline; note 3
43
Ω
length 3 mm
width 3 mm
L7
stripline; note 3
43
Ω
length 3.4 mm
width 3 mm
L8
stripline; note 3
50
Ω
length 6.3 mm
width 2.4 mm
L9
stripline; note 3
50
Ω
length 18 mm
width 2.4 mm
L10
stripline; note 3
50
Ω
length 15 mm
width 2.4 mm
L11
4 turns enamelled 0.8 mm
copper wire
int. diameter 4mm
length 5 mm
leads 2
× 5mm
L12
3 turns enamelled 0.8 mm
copper wire
int. diameter 3mm
length 5 mm
leads 2
× 5mm
L13, L14
grade 3B Ferroxcube
wideband RF choke
4312 020 36642
R1, R2
metal film resistor
10
Ω, 0.4 W
2322 151 71009
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com