Electronic Components Datasheet Search
  English  ▼

X  

SC18IS601 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC18IS601
Description  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC18IS601 Datasheet HTML 9Page - NXP Semiconductors SC18IS601 Datasheet HTML 10Page - NXP Semiconductors SC18IS601 Datasheet HTML 11Page - NXP Semiconductors SC18IS601 Datasheet HTML 12Page - NXP Semiconductors SC18IS601 Datasheet HTML 13Page - NXP Semiconductors SC18IS601 Datasheet HTML 14Page - NXP Semiconductors SC18IS601 Datasheet HTML 15Page - NXP Semiconductors SC18IS601 Datasheet HTML 16Page - NXP Semiconductors SC18IS601 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
13 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.6.2 Read N bytes from I2C-bus slave device
Once the host issues this command, the SC18IS600/601 will start an I2C-bus read
transaction on the I2C-bus to the specified slave address. Once the data is received, the
SC18IS600/601 will place this data in the receiver buffer, and will generate an interrupt on
the INT pin. The ‘transaction completed’ status can be read in the I2CStat. Note that the
data is not returned until a read buffer command is performed (see Section 6.6.4 “Read
buffer”).
Note that the third byte sent by the host is the device slave address. The SC18IS600/601
will ignore the least significant bit so a read will always be performed even if the least
significant bit is a ‘0’. The maximum number of bytes to be read is 96.
6.6.3 I2C-bus read after write
Once the host issues this command, the SC18IS600/601 will start a write transaction on
the I2C-bus to the specified slave address. Once the data is written, the SC18IS600/601
will read data from the specified slave, place the data in the Receiver Buffer and generate
an interrupt on the INT pin. The ‘transaction completed’ status can be read in I2CStat.
Note that the data is not returned until a ‘read buffer’ command is performed.
6.6.4 Read buffer
Fig 13. Read N bytes from I2C-bus slave device
NUMBER
OF BYTES
0x01
COMMAND
SLAVE ADDRESS
+ R
SPI host sends
CS
SCLK
MOSI
1
slave address A[7:1]
number of bytes D[7:0]
command 0x01
002aab719
Fig 14. I2C-bus read after write
002aab720
NUMBER OF
WRITE
BYTES
0x02
COMMAND
SLAVE
ADDRESS
+ W
SPI host sends
DATA
WRITE
BYTE 0
DATA
WRITE
BYTE N
NUMBER OF
READ
BYTES
SLAVE
ADDRESS
+ R
Fig 15. Read buffer
002aab868
0x06
COMMAND
SPI host sends
DATA
BYTE 1
DATA
BYTE N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com