Electronic Components Datasheet Search
  English  ▼

X  

SC18IS601 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC18IS601
Description  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC18IS601 Datasheet HTML 17Page - NXP Semiconductors SC18IS601 Datasheet HTML 18Page - NXP Semiconductors SC18IS601 Datasheet HTML 19Page - NXP Semiconductors SC18IS601 Datasheet HTML 20Page - NXP Semiconductors SC18IS601 Datasheet HTML 21Page - NXP Semiconductors SC18IS601 Datasheet HTML 22Page - NXP Semiconductors SC18IS601 Datasheet HTML 23Page - NXP Semiconductors SC18IS601 Datasheet HTML 24Page - NXP Semiconductors SC18IS601 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
21 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
Table 14.
Additional SPI AC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSPICLKW
SPICLK HIGH time
between two SPI bytes
8
-
-
µs
tCSW
CS HIGH time
between two SPI transactions
refer to Figure 24
µs
tSPILAG1
SPI enable lag time 1
in a SPI to I2C-bus transaction
refer to Figure 25
µs
td
delay time
from last SCLK pulse to SDA LOW in a SPI to I2C-bus
transaction
refer to Figure 26
µs
Fig 23. SPI to I2C-bus timing diagram
002aab927
CS
SCLK
SDA
tSPILEAD
tSPICLKW
tSPILAG1
tCSW
td
Fig 24. tCSW as a function of CLKIN frequency
Fig 25. tSPILAG1 as a function of CLKIN frequency
Fig 26. td as a function of CLKIN frequency
8
tCSW
(
µs)
0
CLKIN frequency (MHz)
002aab929
1.843
18.00
7.373
12.00
3.687
6
4
2
5
tSPILAG1
(
µs)
0
CLKIN frequency (MHz)
002aab930
1.843
18.00
7.373
12.00
3.687
1
2
3
4
160
td
(
µs)
0
CLKIN frequency (MHz)
002aab931
1.843
18.00
7.373
12.00
3.687
80
40
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com