| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 75 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 75 Page - Maxim Integrated Products |
|
75 / 240 page ![]() DS2155 75 of 240 13.1Per-Channel Loopback The per-channel loopback registers (PCLRs) determine which channels (if any) from the backplane should be replaced with the data from the receive side or, i.e., off of the T1 or E1 line. If this loopback is enabled, then transmit and receive clocks and frame syncs must be synchronized. One method to accomplish this is to connect RCLK to TCLK and RFSYNC to TSYNC. There are no restrictions on which channels can be looped back or on how many channels can be looped back. Each of the bit positions in the per-channel loopback registers (PCLR1/PCLR2/PCLR3/PCLR4) represents a DS0 channel in the outgoing frame. When these bits are set to a 1, data from the corresponding receive channel replaces the data on TSER for that channel. Register Name: PCLR1 Register Description: Per-Channel Loopback Enable Register 1 Register Address: 4Bh Bit # 7 6 5 4 3 2 1 0 Name CH8 CH7 CH6 CH5 CH4 CH3 CH2 CH1 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Per-Channel Loopback Enable for Channels 1 to 8 (CH1 to CH8) 0 = loopback disabled 1 = enable loopback; source data from the corresponding receive channel Register Name: PCLR2 Register Description: Per-Channel Loopback Enable Register 2 Register Address: 4Ch Bit # 7 6 5 4 3 2 1 0 Name CH16 CH15 CH14 CH13 CH12 CH11 CH10 CH9 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Per-Channel Loopback Enable for Channels 9 to 16 (CH9 to CH16) 0 = loopback disabled 1 = enable loopback; source data from the corresponding receive channel |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |