Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS2155 Datasheet HTML 45Page - Maxim Integrated Products DS2155 Datasheet HTML 46Page - Maxim Integrated Products DS2155 Datasheet HTML 47Page - Maxim Integrated Products DS2155 Datasheet HTML 48Page - Maxim Integrated Products DS2155 Datasheet HTML 49Page - Maxim Integrated Products DS2155 Datasheet HTML 50Page - Maxim Integrated Products DS2155 Datasheet HTML 51Page - Maxim Integrated Products DS2155 Datasheet HTML 52Page - Maxim Integrated Products DS2155 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 240 page
background image
DS2155
49 of 240
Register Name:
T1RCR2
Register Description:
T1 Receive Control Register 2
Register Address:
04h
Bit #
7
6
5
4
3
2
1
0
Name
—
RFM
RB8ZS
RSLC96
RZSE
RZBTSI
RJC
RD4YM
Default
0
0
0
0
0
0
0
0
Bit 0/Receive-Side D4 Yellow Alarm Select (RD4YM)
0 = 0s in bit 2 of all channels
1 = a 1 in the S-bit position of frame 12 (J1 Yellow Alarm Mode)
Bit 1/Receive Japanese CRC6 Enable (RJC)
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT–G704 CRC6 calculation
Bit 2/Receive-Side ZBTSI Support Enable (RZBTSI). Allows ZBTSI information to be output on RLINK pin.
0 = ZBTSI disabled
1 = ZBTSI enabled
Bit 3/Receive FDL Zero-Destuffer Enable (RZSE). Set this bit to 0 if using the internal HDLC/BOC controller
instead of the legacy support for the FDL. See Section 23.5 for details.
0 = zero destuffer disabled
1 = zero destuffer enabled
Bit 4/Receive SLC-96 Enable (RSLC96). Only set this bit to a 1 in D4/SLC-96 framing applications. See Section
23.6 for details.
0 = SLC-96 disabled
1 = SLC-96 enabled
Bit 5/Receive B8ZS Enable (RB8ZS)
0 = B8ZS disabled
1 = B8ZS enabled
Bit 6/Receive Frame Mode Select (RFM)
0 = D4 framing mode
1 = ESF framing mode
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com