Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS2155 Datasheet HTML 26Page - Maxim Integrated Products DS2155 Datasheet HTML 27Page - Maxim Integrated Products DS2155 Datasheet HTML 28Page - Maxim Integrated Products DS2155 Datasheet HTML 29Page - Maxim Integrated Products DS2155 Datasheet HTML 30Page - Maxim Integrated Products DS2155 Datasheet HTML 31Page - Maxim Integrated Products DS2155 Datasheet HTML 32Page - Maxim Integrated Products DS2155 Datasheet HTML 33Page - Maxim Integrated Products DS2155 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 240 page
background image
DS2155
30 of 240
4.7 Line Interface Pins
Signal Name:
MCLK
Signal Description:
Master Clock Input
Signal Type:
Input
A (50ppm) clock source is applied at this pin. This clock is used internally for both clock/data recovery and for the
jitter attenuator for T1 and E1 modes. A quartz crystal of 2.048MHz can be applied across MCLK and XTALD
instead of the clock source. The clock rate can be 16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz. When using
the DS2155 in T1-only operation, a 1.544MHz (50ppm) clock source can be used.
Signal Name:
XTALD
Signal Description:
Quartz Crystal Driver
Signal Type:
Output
A quartz crystal of 2.048MHz (optional 1.544MHz in T1-only operation) can be applied across MCLK and
XTALD instead of a clock source at MCLK. Leave open circuited if a clock source is applied at MCLK.
Signal Name:
8XCLK
Signal Description:
Eight Times Clock (8x)
Signal Type:
Output
An 8x clock that is locked to the recovered network clock provided from the clock/data recovery block (if
the jitter attenuator is enabled on the receive side) or from the TCLKI pin (if the jitter attenuator is
enabled on the transmit side).
Signal Name:
LIUC
Signal Description:
Line Interface Connect
Signal Type:
Input
Connect low to separate the line interface circuitry from the framer/formatter circuitry and activate the
TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins. Connect high to connect the line interface circuitry to the
framer/formatter circuitry and deactivate the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins. When LIUC is
connected high, the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins should be connected low.
Signal Name:
RTIP and RRING
Signal Description:
Receive Tip and Ring
Signal Type:
Input
Analog inputs for clock recovery circuitry. These pins connect through a 1:1 transformer to the network. See
Section 24 for details.
Signal Name:
TTIP and TRING
Signal Description:
Transmit Tip and Ring
Signal Type:
Output
Analog line driver outputs. These pins connect through a 1:2 step-up transformer to the network. See Section 24 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com