Electronic Components Datasheet Search
  English  ▼

X  

DS2155G Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155G Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2155G Datasheet HTML 10Page - Maxim Integrated Products DS2155G Datasheet HTML 11Page - Maxim Integrated Products DS2155G Datasheet HTML 12Page - Maxim Integrated Products DS2155G Datasheet HTML 13Page - Maxim Integrated Products DS2155G Datasheet HTML 14Page - Maxim Integrated Products DS2155G Datasheet HTML 15Page - Maxim Integrated Products DS2155G Datasheet HTML 16Page - Maxim Integrated Products DS2155G Datasheet HTML 17Page - Maxim Integrated Products DS2155G Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 240 page
background image
DS2155
14 of 240
Reader’s Note: This data sheet assumes a particular nomenclature of the T1 operating environment. In
each 125
ms frame there are 24 8-bit channels plus a framing bit. It is assumed that the framing bit is sent
first followed by channel 1. Each channel is made up of eight bits that are numbered 1 to 8. Bit number 1
is the MSB and is transmitted first. Bit number 8 is the LSB and is transmitted last. The term “locked” is
used to refer to two clock signals that are phase- or frequency-locked or derived from a common clock
(i.e., a 1.544MHz clock can be locked to a 2.048MHz clock if they share the same 8kHz component).
Throughout this data sheet, the following abbreviations are used:
B8ZS
Bipolar with 8 Zero Substitution
BOC
Bit-Oriented Code
CRC
Cyclical Redundancy Check
D4
Superframe (12 frames per multiframe) Multiframe Structure
ESF
Extended Superframe (24 frames per multiframe) Multiframe Structure
FDL
Facility Data Link
FPS
Framing Pattern Sequence in ESF
Fs
Signaling Framing Pattern in D4
Ft
Terminal Framing Pattern in D4
HDLC
High-Level Data Link Control
MF
Multiframe
SLC–96
Subscriber Loop Carrier—96 Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com