Electronic Components Datasheet Search
  English  ▼

X  

DS2155G Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155G Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button DS2155G Datasheet HTML 44Page - Maxim Integrated Products DS2155G Datasheet HTML 45Page - Maxim Integrated Products DS2155G Datasheet HTML 46Page - Maxim Integrated Products DS2155G Datasheet HTML 47Page - Maxim Integrated Products DS2155G Datasheet HTML 48Page - Maxim Integrated Products DS2155G Datasheet HTML 49Page - Maxim Integrated Products DS2155G Datasheet HTML 50Page - Maxim Integrated Products DS2155G Datasheet HTML 51Page - Maxim Integrated Products DS2155G Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 240 page
background image
DS2155
48 of 240
9. T1 FRAMER/FORMATTER CONTROL AND STATUS REGISTERS
The T1 framer portion of the DS2155 is configured through a set of nine control registers. Typically, the
control registers are only accessed when the system is first powered up. Once the DS2155 has been
initialized, the control registers only need to be accessed when there is a change in the system
configuration. There are two receive control registers (T1RCR1 and T1RCR2), two transmit control
registers (T1TCR1 and T1TCR2), and a common control register (T1CCR1). Each of these registers is
described in this section.
9.1 T1 Control Registers
Register Name:
T1RCR1
Register Description:
T1 Receive Control Register 1
Register Address:
03h
Bit #
7
6
5
4
3
2
1
0
Name
—
ARC
OOF1
OOF2
SYNCC
SYNCT
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0/Resynchronize (RESYNC). When toggled from low to high, a resynchronization of the receive-side framer
is initiated. Must be cleared and set again for a subsequent resync.
Bit 1/Sync Enable (SYNCE)
0 = auto resync enabled
1 = auto resync disabled
Bit 2/Sync Time (SYNCT)
0 = qualify 10 bits
1 = qualify 24 bits
Bit 3/Sync Criteria (SYNCC)
In D4 Framing Mode:
0 = search for Ft pattern, then search for Fs pattern
1 = cross couple Ft and Fs pattern
In ESF Framing Mode:
0 = search for FPS pattern only
1 = search for FPS and verify with CRC6
Bits 4, 5/Out-of-Frame Select Bits (OOF2, OOF1)
OOF2
OOF1
Out-Of-Frame Criteria
0
0
2/4 frame bits in error
0
1
2/5 frame bits in error
1
0
2/6 frame bits in error
1
1
2/6 frame bits in error
Bit 6/Auto Resync Criteria (ARC)
0 = resync on OOF or RCL event
1 = resync on OOF only
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com