Electronic Components Datasheet Search
  English  ▼

X  

DS2155G Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155G Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS2155G Datasheet HTML 35Page - Maxim Integrated Products DS2155G Datasheet HTML 36Page - Maxim Integrated Products DS2155G Datasheet HTML 37Page - Maxim Integrated Products DS2155G Datasheet HTML 38Page - Maxim Integrated Products DS2155G Datasheet HTML 39Page - Maxim Integrated Products DS2155G Datasheet HTML 40Page - Maxim Integrated Products DS2155G Datasheet HTML 41Page - Maxim Integrated Products DS2155G Datasheet HTML 42Page - Maxim Integrated Products DS2155G Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 240 page
background image
DS2155
39 of 240
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
B2
R
Extend System Information Bus Register 1
ESIB1
192
B3
R
Extend System Information Bus Register 2
ESIB2
192
B4
R
Extend System Information Bus Register 3
ESIB3
192
B5
R
Extend System Information Bus Register 4
ESIB4
192
B6
R/W
In-Band Code Control Register
IBCC
166
B7
R/W
Transmit Code Definition Register 1
TCD1
167
B8
R/W
Transmit Code Definition Register 2
TCD2
167
B9
R/W
Receive Up Code Definition Register 1
RUPCD1
168
BA
R/W
Receive Up Code Definition Register 2
RUPCD2
168
BB
R/W
Receive Down Code Definition Register 1
RDNCD1
169
BC
R/W
Receive Down Code Definition Register 2
RDNCD2
169
BD
R/W
In-Band Receive Spare Control Register
RSCC
170
BE
R/W
Receive Spare Code Definition Register 1
RSCD1
171
BF
R/W
Receive Spare Code Definition Register 2
RSCD2
171
C0
R
Receive FDL Register
RFDL
143
C1
R/W
Transmit FDL Register
TFDL
144
C2
R/W
Receive FDL Match Register 1
RFDLM1
143
C3
R/W
Receive FDL Match Register 2
RFDLM2
143
C4
-
Unused
-
C5
R/W
Interleave Bus Operation Control Register
IBOC
187
C6
R
Receive Align Frame Register
RAF
116
C7
R
Receive Nonalign Frame Register
RNAF
116
C8
R
Receive Si Align Frame
RSiAF
118
C9
R
Receive Si Nonalign Frame
RSiNAF
119
CA
R
Receive Remote Alarm Bits
RRA
119
CB
R
Receive Sa4 Bits
RSa4
120
CC
R
Receive Sa5 Bits
RSa5
120
CD
R
Receive Sa6 Bits
RSa6
121
CE
R
Receive Sa7 Bits
RSa7
121
CF
R
Receive Sa8 Bits
RSa8
122
D0
R/W
Transmit Align Frame Register
TAF
117
D1
R/W
Transmit Nonalign Frame Register
TNAF
117
D2
R/W
Transmit Si Align Frame
TSiAF
122
D3
R/W
Transmit Si Nonalign Frame
TSiNAF
123
D4
R/W
Transmit Remote Alarm Bits
TRA
123
D5
R/W
Transmit Sa4 Bits
TSa4
124
D6
R/W
Transmit Sa5 Bits
TSa5
124
D7
R/W
Transmit Sa6 Bits
TSa6
125
D8
R/W
Transmit Sa7 Bits
TSa7
125
D9
R/W
Transmit Sa8 Bits
TSa8
126
DA
R/W
Transmit Sa Bit Control Register
TSACR
127
DB
R/W
BERT Alternating Word Count Rate
BAWC
177
DC
R/W
BERT Repetitive Pattern Set Register 1
BRP1
178
DD
R/W
BERT Repetitive Pattern Set Register 2
BRP2
178
DE
R/W
BERT Repetitive Pattern Set Register 3
BRP3
178
DF
R/W
BERT Repetitive Pattern Set Register 4
BRP4
178
E0
R/W
BERT Control Register 1
BC1
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com