Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214
Description  CDCE6214Q1TM Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE6214 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE6214 Datasheet HTML 28Page - Texas Instruments CDCE6214 Datasheet HTML 29Page - Texas Instruments CDCE6214 Datasheet HTML 30Page - Texas Instruments CDCE6214 Datasheet HTML 31Page - Texas Instruments CDCE6214 Datasheet HTML 32Page - Texas Instruments CDCE6214 Datasheet HTML 33Page - Texas Instruments CDCE6214 Datasheet HTML 34Page - Texas Instruments CDCE6214 Datasheet HTML 35Page - Texas Instruments CDCE6214 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
P
1
1
Wr
A
7
Target Address
S
1
1
A
A
8
8
Register Address High
Register Address Low
Sr
1
1
Rd
A
7
Target Address
1
1
A
N
8
Date Byte High
Date Byte Low
8
Read Transfer
S
1
1
Wr
A
Target Address
7
1
1
A
A
Register Address High
8
8
Register Address Low
1
1
A
A
8
8
Date Byte High
Date Byte Low
P
Write Transfer
Legend
S
Sr
Start condition sent by controller device
|
Repeated start condition sent by controller device
Wr
Rd
Write bit = 0 sent by controller device
|
Read bit = 1 sent by controller device
A
A
Acknowledge sent by controller device
|
Acknowledge sent by target device
P
Stop condition sent by controller device
N
N
Not-acknowledge sent by controller device |
Not-acknowledge sent by target device
Data sent by controller
|
Data sent by target
Data
Data
Figure 10-10. I2C-Compatible Serial Interface, Supported Protocol
10.5.2 EEPROM
10.5.2.1 EEPROM - Cyclic Redundancy Check
The device contains a cyclic redundancy check (CRC) function for reads from the EEPROM to the device
registers. At start-up, the EEPROM will be read internally and a CRC value calculated. One of the EEPROM
words contains an earlier stored CRC value. The stored and the actual CRC value are compared and the
result transferred to register. The CRC calculation can be triggered again by writing a 1 to the update_crc bit.
A mismatch between stored and calculated CRC value is informational only and non-blocking to the device
CDCE6214Q1TM
SNAS852 – JUNE 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CDCE6214Q1TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com