Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214
Description  CDCE6214Q1TM Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE6214 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE6214 Datasheet HTML 9Page - Texas Instruments CDCE6214 Datasheet HTML 10Page - Texas Instruments CDCE6214 Datasheet HTML 11Page - Texas Instruments CDCE6214 Datasheet HTML 12Page - Texas Instruments CDCE6214 Datasheet HTML 13Page - Texas Instruments CDCE6214 Datasheet HTML 14Page - Texas Instruments CDCE6214 Datasheet HTML 15Page - Texas Instruments CDCE6214 Datasheet HTML 16Page - Texas Instruments CDCE6214 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
(2)
A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH(min) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
(3)
The maximum tH_SDA could be 3.45 μs and 0.9 μs for Standard-mode and Fast-mode, but must be less than the maximum of tVD_SDA
by a transition time. This maximum must only be met if the device does not stretch the LOW period (tPWL_SCL) of the SCL signal. If the
clock stretches the SCL, the data must be valid by the setup time before it releases the clock.
8.24 Power Supply Characteristics
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD_REF
VDD_REF supply current
25 MHz XTAL, DBL ON
8
mA
IDD_VCO
VCO and PLL current
fVCO=2400 MHz, PSA = PSB = 4 and N-
divider = 48
14
mA
IDD_OUT
Output Channel Current
IOD=6, LP-HCSL, 100MHz on OUT3 and
OUT4, 25MHz on OUT0
22
mA
IDD_OUT
Output Channel Current
IOD = 6, LP-HCSL, 100 MHz on OUT1
and OUT2
17.5
mA
IDD_PDN
Power down current
using reset pin / bits
2.8
5
mA
IDD_TYP
Typical current
4 x 100 MHz LVDS case using crystal
input and doubler, SSC off
50
70
mA
IDD_TYP
Typical current
4 x 100 MHz LP-HCSL case using crystal
input and doubler, SSC off
65
90
mA
LPSNR
Power supply noise rejection
OUTx = 100 MHz differential, on one of
VDDx injected sine wave at fINJ = 100 kHz
-61
dB
LPSNR
Power supply noise rejection
OUTx = 100 MHz differential, on one of
VDDx injected sine wave at fINJ = 1 MHz
-57
dB
www.ti.com
CDCE6214Q1TM
SNAS852 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CDCE6214Q1TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com