Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214
Description  CDCE6214Q1TM Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE6214 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE6214 Datasheet HTML 17Page - Texas Instruments CDCE6214 Datasheet HTML 18Page - Texas Instruments CDCE6214 Datasheet HTML 19Page - Texas Instruments CDCE6214 Datasheet HTML 20Page - Texas Instruments CDCE6214 Datasheet HTML 21Page - Texas Instruments CDCE6214 Datasheet HTML 22Page - Texas Instruments CDCE6214 Datasheet HTML 23Page - Texas Instruments CDCE6214 Datasheet HTML 24Page - Texas Instruments CDCE6214 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Table 10-2. Zero Delay Operation (continued)
OPERATION(1)
(2)
REFSEL
R2[1:0] -
REFSEL_SW
R24[1:0] -
IP_SECREF_B
UF_SEL(3)
R24[15] -
IP_PRIREF_BU
F_SEL(3)
R0[8] -
ZDM_EN
R0[10] -
ZDM_CLOCKS
EL
DESCRIPTION
Normal
Operation,
Differential
Input
L
0h or 1h or 2h
2h or 3h
X
0h
0h
SECREF/
Differential
Input
Normal
Operation,
Differential
Input
H
0h or 1h or 3h
X
1h
0h
0h
PRIREF/
Differential
Input
Normal
Operation,
LVCMOS Input
L
0h or 1h or 2h
1h
X
0h
0h
SECREF/
LVCMOS Input
Normal
Operation,
LVCMOS Input
H
0h or 1h or 3h
X
0h
0h
0h
PRIREF/
LVCMOS Input
External Zero
Delay Mode,
Differential
Input
H
0h or 1h or 3h
2h or 3h
1h
1h
1h
Input Clock on
PRIREF,
Feedback clock
on SECREF
External Zero
Delay Mode,
LVCMOS Input
H
0h or 1h or 3h
1h
0h
1h
1h
Input Clock on
PRIREF,
Feedback clock
on SECREF
Internal Zero
Delay Mode,
Differential
Input
H
0h or 1h or 3h
X
1h
1h
0h
Input clock on
PRIREF
Internal Zero
Delay Mode,
Differential
Input
H
0h or 1h or 3h
X
0h
1h
0h
Input clock in
PRIREF
(1)
In Zero Delay Mode, all dividers should be programmed such that PLL can lock. On power-up in Zero Delay Mode, PLL would lock
automatically
(2)
For internal Zero Delay Mode, channel 2 is required. Channel 2 should not be powered down
(3)
"X" allows any possible bit field value. It has no impact on the functionality
Figure 10-2. Input/Output Alignment in External Zero Delay Mode for LVCMOS Output
www.ti.com
CDCE6214Q1TM
SNAS852 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CDCE6214Q1TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com