Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 45Page - Texas Instruments CC2652P Datasheet HTML 46Page - Texas Instruments CC2652P Datasheet HTML 47Page - Texas Instruments CC2652P Datasheet HTML 48Page - Texas Instruments CC2652P Datasheet HTML 49Page - Texas Instruments CC2652P Datasheet HTML 50Page - Texas Instruments CC2652P Datasheet HTML 51Page - Texas Instruments CC2652P Datasheet HTML 52Page - Texas Instruments CC2652P Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
9.6 Cryptography
The CC2674P10 device comes with a wide set of modern cryptography-related hardware accelerators,
drastically reducing code footprint and execution time for cryptographic operations. It also has the benefit
of being lower power and improves availability and responsiveness of the system because the cryptography
operations runs in a background hardware thread.
Together with a large selection of open-source cryptography libraries provided with the Software Development
Kit (SDK), this allows for secure and future proof IoT applications to be easily built on top of the platform. The
hardware accelerator modules are:
• True Random Number Generator (TRNG) module provides a true, nondeterministic noise source for the
purpose of generating keys, initialization vectors (IVs), and other random number requirements. The TRNG is
built on 24 ring oscillators that create unpredictable output to feed a complex nonlinear-combinatorial circuit
• Secure Hash Algorithm 2 (SHA-2) with support for SHA224, SHA256, SHA384, and SHA512
• Advanced Encryption Standard (AES) with 128, 192 and 256 bit key lengths
• Public Key Accelerator - Hardware accelerator supporting mathematical operations needed for elliptic
curves up to 512 bits
Through use of these modules and the TI provided cryptography drivers, the following capabilities are available
for an application or stack:
• Key Agreement Schemes
– Elliptic Curve Diffie–Hellman with static or ephemeral keys (ECDH and ECDHE)
– Elliptic curve Password Authenticated Key Exchange by Juggling (ECJ-PAKE)
• Signature Processing
– Elliptic curve Diffie-Hellman Digital Signature Algorithm (ECDSA)
– Edwards-curve Digital Signature Algorithm (EdDSA)
• Curve Support
– Short Weierstrass form, such as:
• NIST-P224 (secp224r1), NIST-P256 (secp256r1), NIST-P384 (secp384r1), NIST-P521 (secp521r1)
• Brainpool-256R1, Brainpool-384R1, Brainpool-512R1
– Montgomery form, such as:
• Curve25519
– Twisted Edwards form, such as:
• Ed25519
• Message Authentication Codes
– AEC CBC-MAC
– AES CMAC
– HMAC with SHA224, SHA256, SHA384 and SHA512
• Block cipher mode of operation
– AES CCM and AES CCM-Star
– AES GCM
– AES ECB
– AES CBC
– AES CTR
• Hash Algorithm
– SHA224
– SHA256
– SHA384
– SHA512
• True random number generation
Other capabilities, such as RSA encryption and signatures (using keys as large as 2048 bits) as well as other
ECC curves such as Curve1174, can be implemented using the provided public key accelerator but are not part
of the TI SimpleLink SDK for the CC2674P10 device.
www.ti.com
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com