Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 20Page - Texas Instruments CC2652P Datasheet HTML 21Page - Texas Instruments CC2652P Datasheet HTML 22Page - Texas Instruments CC2652P Datasheet HTML 23Page - Texas Instruments CC2652P Datasheet HTML 24Page - Texas Instruments CC2652P Datasheet HTML 25Page - Texas Instruments CC2652P Datasheet HTML 26Page - Texas Instruments CC2652P Datasheet HTML 27Page - Texas Instruments CC2652P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
8.14.3 Clock Specifications
8.14.3.1 48 MHz Clock Input (TCXO)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock frequency
48
MHz
TCXO clipped sine output, peak-to-peak
TCXO clipped sine output
connected to pin X48M_P
through series capacitor
0.8
1.7
V
TCXO with CMOS output, High input voltage
TCXO with CMOS output
directly coupled to pin X48M_P
1.3
VDDR
V
TCXO with CMOS output, Low input voltage
0
0.3
V
(1)
Probing or otherwise stopping the TCXO while the DC/DC converter is enabled may cause permanent damage to the device.
8.14.3.2 48 MHz Crystal Oscillator (XOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.(1)
PARAMETER
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
ESR
Equivalent series resistance
6 pF < CL ≤ 9 pF
20
60
Ω
ESR
Equivalent series resistance
5 pF < CL ≤ 6 pF
80
Ω
LM
Motional inductance, relates to the load capacitance that is used for the crystal (CL in
Farads)(5)
< 3 × 10–25 / CL 2
H
CL
Crystal load capacitance(4)
5
7(3)
9
pF
Start-up time(2)
200
µs
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(3)
On-chip default connected capacitance including reference design parasitic capacitance. Connected internal capacitance is changed
through software in the Customer Configuration section (CCFG).
(4)
Adjustable load capacitance is integrated into the device.
(5)
The crystal manufacturer's specification must satisfy this requirement for proper operation.
8.14.3.3 48 MHz RC Oscillator (RCOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1
%
Calibrated frequency accuracy(1)
±0.25
%
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF)
8.14.3.4 2 MHz RC Oscillator (RCOSC_MF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
2
MHz
Start-up time
5
µs
8.14.3.5 32.768 kHz Crystal Oscillator (XOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
ESR
Equivalent series resistance
30
100
kΩ
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com