Electronic Components Datasheet Search
  English  ▼

X  

CC2652P Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652P Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2652P Datasheet HTML 17Page - Texas Instruments CC2652P Datasheet HTML 18Page - Texas Instruments CC2652P Datasheet HTML 19Page - Texas Instruments CC2652P Datasheet HTML 20Page - Texas Instruments CC2652P Datasheet HTML 21Page - Texas Instruments CC2652P Datasheet HTML 22Page - Texas Instruments CC2652P Datasheet HTML 23Page - Texas Instruments CC2652P Datasheet HTML 24Page - Texas Instruments CC2652P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
8.12 Zigbee and Thread - IEEE 802.15.4-2006 2.4 GHz (OQPSK DSSS1:8, 250 kbps) - RX
Measured on the LP-EM-CC1354P10-1 reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path, except for high power PA which is
measured at a dedicated antenna connection. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General Parameters
Receiver sensitivity
Coherent mode PER = 1%
–105
dBm
Receiver saturation
PER = 1%
> -10
dBm
Adjacent channel rejection
Wanted signal at –82 dBm, modulated interferer at ±5 MHz,
PER = 1%
36
dB
Alternate channel rejection
Wanted signal at –82 dBm, modulated interferer at ±10 MHz,
PER = 1%
55
dB
Channel rejection, ±15 MHz or more
Wanted signal at –82 dBm, undesired signal is IEEE
802.15.4 modulated channel, stepped through all channels
2405 to 2480 MHz, PER = 1%
59
dB
Blocking and desensitization,
5 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
57
dB
Blocking and desensitization,
10 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
62
dB
Blocking and desensitization,
20 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
62
dB
Blocking and desensitization,
50 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
65
dB
Blocking and desensitization,
–5 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
60
dB
Blocking and desensitization,
–10 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
60
dB
Blocking and desensitization,
–20 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
60
dB
Blocking and desensitization,
–50 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
62
dB
Spurious emissions, 30 MHz to 1000
MHz
Measurement in a 50 Ω single-ended load
–66
dBm
Spurious emissions, 1 GHz to 12.75
GHz
Measurement in a 50 Ω single-ended load
–53
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and the
internally generated carrier frequency
> 100
ppm
Symbol rate error tolerance
Difference between incoming symbol rate and the internally
generated symbol rate
> 800
ppm
RSSI dynamic range
95
dB
RSSI accuracy
±4
dB
www.ti.com
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com