Electronic Components Datasheet Search
  English  ▼

X  

TIOS102YAHR Datasheet(PDF) 5 Page - Texas Instruments

Part # TIOS102YAHR
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102YAHR Datasheet(HTML) 5 Page - Texas Instruments

  TIOS102YAHR Datasheet HTML 1Page - Texas Instruments TIOS102YAHR Datasheet HTML 2Page - Texas Instruments TIOS102YAHR Datasheet HTML 3Page - Texas Instruments TIOS102YAHR Datasheet HTML 4Page - Texas Instruments TIOS102YAHR Datasheet HTML 5Page - Texas Instruments TIOS102YAHR Datasheet HTML 6Page - Texas Instruments TIOS102YAHR Datasheet HTML 7Page - Texas Instruments TIOS102YAHR Datasheet HTML 8Page - Texas Instruments TIOS102YAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
Steady state voltage for VCC and OUT
–65
65
V
Transient pulse width < 100 µs for VCC and OUT
–70
70
V
Voltage difference
|V(VCC) – V(OUT)|
65
V
Logic supply voltage (TIOS102)
VCC_IN
–0.3
6
V
Input logic voltage
IN, EN, VSEL, ILIM_ADJ
–0.3
min(VCC_IN
+0.3, 6)
V
Output current
NFAULT
–5
5
mA
Storage temperature, Tstg
-55
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime. All voltages are with reference to the GND pin, unless otherwise specified.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±4000
V
V(ESD)
Electrostatic discharge
Charged Device Model (CDM), per ANSI/ESDA/JEDEC
JS-002 (2)
All pins
±750
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process
6.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 ESD (Contact Discharge), VCC, OUT and GND (1)
±8,000
V
Electrostatic discharge
IEC 61000-4-5, 1.2 µs/50 µs Surge with 500 Ω in series, VCC, OUT and GND (1)
±1,200
Electrostatic discharge
IEC 61000-4-4 EFT (Fast transient or burst), VCC, OUT and GND (1)
±4,000
(1)
Minimum 100-nF capacitor is required between VCC and GND. Minimum 1-µF capacitor is required between VCC_IN/VCC_OUT and
GND.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VCC)
Supply voltage
TIOS102,TIOS1023,
TIO1023L (3.3V output)
4.75
24
36
V
TIOS1025, TIOS1023L (5V
output)
7
24
36
V
V(VCC_IN)
Logic level input voltage (TIOS102 only)
3.3 V configuration
3
3.3
3.6
V
5 V configuration
4.5
5
5.5
V
RSET
External resistor for CQ current limit
0
110
kΩ
1/tBIT
Data rate (Communication mode)
250
kbps
I(VCC_OUT)
LDO output current (TIOS1023,TIOS1023L, TIOS1025 only)
20
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Junction temperature
150
°C
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4B – FEBRUARY 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com