Electronic Components Datasheet Search
  English  ▼

X  

TIOS102YAHR Datasheet(PDF) 9 Page - Texas Instruments

Part # TIOS102YAHR
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102YAHR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIOS102YAHR Datasheet HTML 5Page - Texas Instruments TIOS102YAHR Datasheet HTML 6Page - Texas Instruments TIOS102YAHR Datasheet HTML 7Page - Texas Instruments TIOS102YAHR Datasheet HTML 8Page - Texas Instruments TIOS102YAHR Datasheet HTML 9Page - Texas Instruments TIOS102YAHR Datasheet HTML 10Page - Texas Instruments TIOS102YAHR Datasheet HTML 11Page - Texas Instruments TIOS102YAHR Datasheet HTML 12Page - Texas Instruments TIOS102YAHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
6.8 Typical Characteristics
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
D001
EN = High
EN = Low
No load
IN = OPEN
TA = 25°C
Figure 6-1. Supply Current vs Supply Voltage
Load Current (mA)
0
25
50
75
100
125
150
175
200
225
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TA = -40 C
TA = 25 C
TA = 125 C
Figure 6-2. Residual Voltage vs Load Current: High Side
Load Current (mA)
0
25
50
75
100
125
150
175
200
225
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TA = -40 C
TA = 25 C
TA = 125 C
Figure 6-3. Residual Voltage vs Load Current: Low Side
RSET (k)
0
10
20
30
40
50
60
70
80
90
100 110
0
100
200
300
400
500
600
700
800
High-side
Low-side
Figure 6-4. Current Limit vs RSET
RSET (k)
0
10
20
30
40
50
60
70
80
90
100 110
0
100
200
300
400
500
600
700
800
TIOS101
TIOS102
TA = 25°C
Figure 6-5. Current Limit vs RSET : TIOS102(x) vs TIOS101(x)
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4B – FEBRUARY 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com