Electronic Components Datasheet Search
  English  ▼

X  

TIOS102YAHR Datasheet(PDF) 21 Page - Texas Instruments

Part # TIOS102YAHR
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102YAHR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TIOS102YAHR Datasheet HTML 17Page - Texas Instruments TIOS102YAHR Datasheet HTML 18Page - Texas Instruments TIOS102YAHR Datasheet HTML 19Page - Texas Instruments TIOS102YAHR Datasheet HTML 20Page - Texas Instruments TIOS102YAHR Datasheet HTML 21Page - Texas Instruments TIOS102YAHR Datasheet HTML 22Page - Texas Instruments TIOS102YAHR Datasheet HTML 23Page - Texas Instruments TIOS102YAHR Datasheet HTML 24Page - Texas Instruments TIOS102YAHR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
9.2.3 Application Curves
Time 10 ms/div
Figure 9-4. OUT In Current Fault Auto Recovery,
Low Side Mode
Time 10 ms/div
Figure 9-5. OUT In Current Fault Auto Recovery,
High Side Mode
VCC = 36 V
L = 1.5 H RL = 360 Ω
RSET = 10 kΩ
TA = 25 °C
Figure 9-6. OUT Driving Inductive Load, High Side
Mode (PNP)
VCC = 36 V
L = 1.5 H RL = 360 Ω
RSET = 10 kΩ
TA = 25 °C
Figure 9-7. OUT Driving Inductive Load, Low Side
Mode (NPN)
NFAULT indicated for the duration of charging and discharging of the capacitor but driver is not disabled when ILIM_ADJ is floating.
VCC = 24 V
CL = 20 uF RL = 100 Ω
RSET = 1 MΩ (ILIM_ADJ
Floating)
TA = 25 °C
Figure 9-8. OUT Driving Capacitive Load, Push-Pull Mode
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4B – FEBRUARY 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com