Electronic Components Datasheet Search
  English  ▼

X  

FP1189 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # FP1189
Description  1/2 - Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  FP1189 Datasheet HTML 1Page - WJ Communication. Inc. FP1189 Datasheet HTML 2Page - WJ Communication. Inc. FP1189 Datasheet HTML 3Page - WJ Communication. Inc. FP1189 Datasheet HTML 4Page - WJ Communication. Inc. FP1189 Datasheet HTML 5Page - WJ Communication. Inc. FP1189 Datasheet HTML 6Page - WJ Communication. Inc. FP1189 Datasheet HTML 7Page - WJ Communication. Inc. FP1189 Datasheet HTML 8Page - WJ Communication. Inc. FP1189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP1189
½ - Watt HFET
Product Information
Application Circuit: 870 – 960 MHz (FP1189-PCB900S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 125 mA, 25°C
Frequency
MHz
870
915
960
S21 – Gain
dB
20.9
20.6
19.8
S11 – Input Return Loss
dB
-10
-13
-10
S22 – Output Return Loss
dB
-5.2
-6.0
-7.6
Output P1dB
dBm
+27.5
+27.4
+27.5
Output IP3
(+12 dBm / tone, 1 MHz spacing)
dBm
+39.9
Noise Figure
dB
2.7
2.7
2.6
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+21
RES
R=
ID=
10 Ohm
R2
IND
L=
ID=
12 nH
L4
CAP
C=
ID=
3.9 pF
C13
IND
L=
ID=
47 nH
L1
RES
R=
ID=
20 Ohm
R1
CAP
C=
ID=
68 pF
C1
CAP
C=
ID=
18 pF
C2
CAP
C=
ID=
68 pF
C3
CAP
C=
ID=
1000 pF
C4
CAP
C=
ID=
DNP pF
C10
RES
R=
ID=
0 Ohm
L2
CAP
C=
ID=
DNP pF
C12
IND
L=
ID=
47 nH
L3
CAP
C=
ID=
18 pF
C6
CAP
C=
ID=
68 pF
C7
CAP
C=
ID=
1000 pF
C8
CAP
C=
ID=
1e5 pF
C11
CAP
C=
ID=
DNP pF
C5
CAP
C=
ID=
68 pF
C9
1
2
SUBCKT
NET=
ID=
"FP1189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds = 8 V @ 125 mA
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip line has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C3, C7, C9
68 pF
Chip capacitor
0603
C2, C6
18 pF
Chip capacitor
0603
C4, C8
1000 pF
Chip capacitor
0603
C11
0.1
µF
Chip capacitor
1206
C13
3.9 pF
Chip capacitor
0603
L1, L3
47 nH
Multilayer chip inductor
0603
L2
0 O
Chip resistor
0603
L4
12 nH
Multilayer chip inductor
0603
R1
10 O
Chip resistor
0603
R2
20 O
Chip resistor
0603
Q1
FP1189
WJ 0.5W HFET
SOT-89
C5, C12, C10
Do Not Place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com