Electronic Components Datasheet Search
  English  ▼

X  

FP1189 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # FP1189
Description  1/2 - Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  FP1189 Datasheet HTML 1Page - WJ Communication. Inc. FP1189 Datasheet HTML 2Page - WJ Communication. Inc. FP1189 Datasheet HTML 3Page - WJ Communication. Inc. FP1189 Datasheet HTML 4Page - WJ Communication. Inc. FP1189 Datasheet HTML 5Page - WJ Communication. Inc. FP1189 Datasheet HTML 6Page - WJ Communication. Inc. FP1189 Datasheet HTML 7Page - WJ Communication. Inc. FP1189 Datasheet HTML 8Page - WJ Communication. Inc. FP1189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP1189
½ - Watt HFET
Product Information
FP1189-PCB900S Application Circuit Performance Plots
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Frequency(MHz)
-40c
+25c
+85c
S21 vs. Frequency
17
18
19
20
21
22
860
880
900
920
940
960
Frequency(MHz)
-40c
+25c
+85c
S22 vs. Frequency
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Frequency(MHz)
-40c
+25c
+85c
P1dB vs. Frequency
20
22
24
26
28
30
860
880
900
920
940
960
Frequency(MHz)
-40c
+25c
+85c
Noise Figure vs. Frequency
0
1
2
3
4
5
6
860
880
900
920
940
960
Frequency(MHz)
-40c
+25c
+85c
ACPRvs.ChannelPower
IS-95, 9 Ch. Forward, ±885 kHz offset, 30 kHz Meas BW
-70
-60
-50
-40
-30
16
17
18
19
20
21
22
23
24
Output Channel Power (dBm)
-40 C
+25C
+85C
freq=915MHz
OIP3 vs. Temperature
32
34
36
38
40
42
-40
-15
10
35
60
85
Temperature(°C)
freq=915,916MHz
+12 dBm / tone
IMD products vs. Output Power
fundamentalfrequency=915MHz,916MHz;Temp=+25°C
-80
-60
-40
-20
0
4
8
12
16
20
24
OutputPower(dBm)
IMD_Low
IMD_High
OIP3vs.OutputPower
fundamentalfrequency=915MHz,916MHz;Temp=+25°C
25
30
35
40
45
0
4
8
12
16
20
24
Output Power (dBm)
Output Power / Gain vs. Input Power
frequency = 915 MHz, Temp = -40° C
12
14
16
18
20
22
-12
-8
-4
0
4
8
12
InputPower(dBm)
10
14
18
22
26
30
Output Power
Gain
Output Power / Gain vs. Input Power
frequency = 915 MHz, Temp = +25° C
12
14
16
18
20
22
-12
-8
-4
0
4
8
12
InputPower(dBm)
10
14
18
22
26
30
OutputPower
Gain
Output Power / Gain vs. Input Power
frequency = 915 MHz, Temp = +85° C
12
14
16
18
20
22
-12
-8
-4
0
4
8
12
InputPower(dBm)
10
14
18
22
26
30
Output Power
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com