Electronic Components Datasheet Search
  English  ▼

X  

FP1189 Datasheet(PDF) 9 Page - WJ Communication. Inc.

Part # FP1189
Description  1/2 - Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189 Datasheet(HTML) 9 Page - WJ Communication. Inc.

Back Button FP1189 Datasheet HTML 4Page - WJ Communication. Inc. FP1189 Datasheet HTML 5Page - WJ Communication. Inc. FP1189 Datasheet HTML 6Page - WJ Communication. Inc. FP1189 Datasheet HTML 7Page - WJ Communication. Inc. FP1189 Datasheet HTML 8Page - WJ Communication. Inc. FP1189 Datasheet HTML 9Page - WJ Communication. Inc. FP1189 Datasheet HTML 10Page - WJ Communication. Inc. FP1189 Datasheet HTML 11Page - WJ Communication. Inc. FP1189 Datasheet HTML 12Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP1189
½ - Watt HFET
Product Information
Reference Design: 2450 MHz
The application circuit is matched for output power.
Typical RF Performance, 25
°C
Frequency
MHz
2450
2450
S21 – Gain
dB
13.2
S11 – Input Return Loss
dB
-36
S22 – Output Return Loss
dB
-7.6
Output P1dB
dBm
+27.5
+28.1
Output IP3
(+12 dBm / tone, 1 MHz spacing)
dBm
+38
+40
Drain Voltage
V
+8
+8
Drain Current
mA
100
125
The 2450 MHz Reference Circuit is shown for design purposes only.
An
evaluation board is not readily available for this application. The reader can
obtain an FP1189-PCB2140S evaluation board and modify it with the circuit
shown to achieve the performance shown in this reference design. Only two
component changes are required (C4 and L3) from the FP1189-PCB2140S
evaluation board.
2200
2300
2400
2500
2600
2700
Frequency (MHz)
S-Parameters
-30
-25
-20
-15
-10
-5
0
5
10
15
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
CAP
C=
ID=
22 pF
C1
CAP
C=
ID=
1.2 pF
C4
CAP
C=
ID=
33 pF
C3
CAP
C=
ID=
0.5 pF
C5
CAP
C=
ID=
22 pF
C7
CAP
C=
ID=
100000 pF
C8
CAP
C=
ID=
22 pF
C7
IND
L=
ID=
18 nH
L1
IND
L=
ID=
18 nH
L2
IND
L=
ID=
1.8 nH
L3
RES
R=
ID=
100 Ohm
R1
RES
R=
ID=
10 Ohm
R2
TLINP
F0=
Loss=
Eeff=
L=
Z0=
ID=
0 MHz
0
4.2
135 mil
50 Ohm
TL1
TLINP
F0=
Loss=
Eeff=
L=
Z0=
ID=
0 MHz
0
4.2
45 mil
50 Ohm
TL2
TLINP
F0=
Loss=
Eeff=
L=
Z0=
ID=
0 MHz
0
4.2
80 mil
50 Ohm
TL3
TLINP
F0=
Loss=
Eeff=
L=
Z0=
ID=
0 MHz
0
4.2
35 mil
50 Ohm
TL4
CAP
C=
ID=
DNP pF
C2
CAP
C=
ID=
DNP pF
C6
1
2
SUBCKT
NET=
ID=
"FP1189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
Vds = 8 V @ 125 mA
-Vgg
The lengths shown in the microstrip lines are referenced from the component or pin edge-to-edge.
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip line has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C7, C9
22 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C4
1.2 pF
Chip capacitor
0603
C5
0.5 pF
Chip capacitor
0603
C8
0.1
µF
Chip capacitor
1206
L1, L2
18 nH
Multilayer chip inductor
0603
L3
1.8 nH
Multilayer chip resistor
0603
R1
100 O
Chip resistor
0603
R2
10 O
Chip resistor
0603
Q1
FP1189
WJ 0.5W HFET
SOT-89
C2, C4, C6, C11
Do Not Place
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com