Electronic Components Datasheet Search
  English  ▼

X  

BLV99SL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLV99SL
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV99SL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLV99SL Datasheet HTML 2Page - NXP Semiconductors BLV99SL Datasheet HTML 3Page - NXP Semiconductors BLV99SL Datasheet HTML 4Page - NXP Semiconductors BLV99SL Datasheet HTML 5Page - NXP Semiconductors BLV99SL Datasheet HTML 6Page - NXP Semiconductors BLV99SL Datasheet HTML 7Page - NXP Semiconductors BLV99SL Datasheet HTML 8Page - NXP Semiconductors BLV99SL Datasheet HTML 9Page - NXP Semiconductors BLV99SL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
September 1991
7
Philips Semiconductors
Product specification
UHF power transistor
BLV99/SL
Fig.8 Component layout for 900 MHz class-B test circuit.
The components are mounted on one side of a copper clad PTFE fibre-glass board; the other side is unetched
and serves as a ground plane. Earth connections from the component side to the ground plane are made by
fixing screws, hollow rivets and copper straps under the emitters.
handbook, full pagewidth
170 mm
R1
L3
L2
C2
L1
L4
L5
L8
L6
C10
C4
L7
R2
C5
C6
L9
C3
C1
C8
C9
C7
70 mm
MDA560
+VCC
rivets
M2
M3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com