Electronic Components Datasheet Search
  English  ▼

X  

BLV99SL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV99SL
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV99SL Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV99SL Datasheet HTML 1Page - NXP Semiconductors BLV99SL Datasheet HTML 2Page - NXP Semiconductors BLV99SL Datasheet HTML 3Page - NXP Semiconductors BLV99SL Datasheet HTML 4Page - NXP Semiconductors BLV99SL Datasheet HTML 5Page - NXP Semiconductors BLV99SL Datasheet HTML 6Page - NXP Semiconductors BLV99SL Datasheet HTML 7Page - NXP Semiconductors BLV99SL Datasheet HTML 8Page - NXP Semiconductors BLV99SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
September 1991
4
Philips Semiconductors
Product specification
UHF power transistor
BLV99/SL
CHARACTERISTICS
Tj = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter;
IC = 5 mA
50
−−
V
V(BR)CEO
collector-emitter breakdown voltage
VBE =0;
IC = 10 mA
27
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector;
IE = 0.5 mA
3.5
−−
V
ICES
collector-emitter leakage current
VBE =0;
VCE = 27 V
−−
2mA
hFE
DC current gain
VCE = 20 V;
IC = 150 mA
25
−−
ESBR
second breakdown energy
L = 25 mH;
RBE = 10 Ω;
f = 50 Hz
0.5
−−
mJ
Cc
collector capacitance
VCB = 24 V;
IE = Ie =0;
f = 1 MHz
−
3
−
pF
Cre
feedback capacitance
VCE = 24 V;
IC = 0;
f = 1 MHz
−
1.3
−
pF
Fig.3
DC current gain as a function of collector
current, typical values.
VCE = 20 V; Tj =25 °C.
handbook, halfpage
0
0.5
IC (A)
hFE
100
0
20
40
60
80
0.1
0.2
0.3
0.4
MBK467
Fig.4
Collector capacitance as a function of
collector-base voltage, typical values.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
010
20
30
VCB (V)
Cc
(pF)
8
6
2
0
4
MBK468



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com