Electronic Components Datasheet Search
  English  ▼

X  

RF210B Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # RF210B
Description  Dual-Band, Image-Reject Downconverters For GSM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF210B Datasheet(HTML) 3 Page - Synaptics Incorporated.

  RF210B Datasheet HTML 1Page - Synaptics Incorporated. RF210B Datasheet HTML 2Page - Synaptics Incorporated. RF210B Datasheet HTML 3Page - Synaptics Incorporated. RF210B Datasheet HTML 4Page - Synaptics Incorporated. RF210B Datasheet HTML 5Page - Synaptics Incorporated. RF210B Datasheet HTML 6Page - Synaptics Incorporated. RF210B Datasheet HTML 7Page - Synaptics Incorporated. RF210B Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Image-Reject Downconverter
RF210(A/B)
100775A
Conexant
3
Proprietary Information and Specifications are Subject to Change
October 20, 1999
Table 3. RF210(A/B) Recommended Operating Conditions
Parameter
Min
Typical
Max
Units
Supply Voltage
2.7
3.0
5.0
V
Operating Temperature
–30
+25
+85
°C
Table 4. RF210(A/B) Electrical Specifications (1 of 2)
(TA = 25 C, Vcc = 3.0 V, fIF = 400 MHz, Plo = –10 dBm)
Parameter
Test Condition
Min
Typical
Max
Units
GSM900 Mode, BANDSEL = 0
Supply current:
Enable mode
Sleep mode
ENA = 1
ENA = 0
38
10
mA
µA
RF Input frequency
935
960
MHz
IF frequency
350
400
450
MHz
LO frequency
1285
1410
MHz
LO input power
–10
dBm
LO to RF input isolation
30
dB
Input impedance
LNA900IN = 950 MHz
40 – j50
Ω
Gain:
High gain (RF210A and RF210B)
Low gain (10 dB attenuation, RF210A)
Low gain (20 dB attenuation, RF210B)
Gain variation vs. Frequency
Gain step tracking error
GAINSEL = 0
GAINSEL = 1
GAINSEL = 1
22
12
2
0.5
1
0.5
dB
dB
dB
dB
dB
Noise figure:
High gain
Low gain (12 dB gain, RF210A)
Low gain (2 dB gain, RF210B)
High gain (Note 1)
No blocker,
GAINSEL = 0
GAINSEL = 1
GAINSEL = 1
–28 dBm blocker @ 915
MHz, GAINSEL = 0
3.3
9.0
17
3.9
3.9
11
19
dB
dB
dB
dB
Input 1 dB compression point
–25
dBm
Input third order intercept point
–17
dBm
IF shunt resistance/side
400
500
600
Ω
Spurious response:
2(RF) x 2(LO) and 3(RF) x 3(LO)
(Note 2):
Interferer input = –75 dBm
–45
dB
Image rejection
35
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com