Electronic Components Datasheet Search
  English  ▼

X  

RF210B Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # RF210B
Description  Dual-Band, Image-Reject Downconverters For GSM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF210B Datasheet(HTML) 6 Page - Synaptics Incorporated.

  RF210B Datasheet HTML 1Page - Synaptics Incorporated. RF210B Datasheet HTML 2Page - Synaptics Incorporated. RF210B Datasheet HTML 3Page - Synaptics Incorporated. RF210B Datasheet HTML 4Page - Synaptics Incorporated. RF210B Datasheet HTML 5Page - Synaptics Incorporated. RF210B Datasheet HTML 6Page - Synaptics Incorporated. RF210B Datasheet HTML 7Page - Synaptics Incorporated. RF210B Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RF210(A/B)
Image-Reject Downconverter
6
Conexant
100775A
October 20, 1999
Proprietary Information and Specifications are Subject to Change
6.50±0.10 mm
4.40±0.10 mm
0.10±0.05 mm
SIDE VIEW
END VIEW
TOP VIEW
1.00+0.5/-0.2 mm
0.24+0.06/-0.05 mm
1.00 mm Ref
1.20 mm max
Pin #1 indicator
0.65 mm
BOTTOM VIEW
C003
Figure 4. RF210(A/B) Package Dimensions – 20-Pin TSSOP
C879
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.75 ± 0.10
1.50 ± 0.10
1.50 ± 0.25
0.292 ± 0.013
1.20
4.00
6.75 ± 0.10
8
o Max
7
o Max
1.70 ± 0.10
7.05 ± 0.10
Notes:
1. Carrier tape material: black conductive polycarbonate
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. Tolerance: .XX = ±0.10
5. Quantity: 2500 per reel
6. All measurements are in millimeters
Pin #1
indicator
Figure 5. RF210(A/B) Tape and Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com