Electronic Components Datasheet Search
  English  ▼

X  

RF210B Datasheet(PDF) 4 Page - Synaptics Incorporated.

Part # RF210B
Description  Dual-Band, Image-Reject Downconverters For GSM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF210B Datasheet(HTML) 4 Page - Synaptics Incorporated.

  RF210B Datasheet HTML 1Page - Synaptics Incorporated. RF210B Datasheet HTML 2Page - Synaptics Incorporated. RF210B Datasheet HTML 3Page - Synaptics Incorporated. RF210B Datasheet HTML 4Page - Synaptics Incorporated. RF210B Datasheet HTML 5Page - Synaptics Incorporated. RF210B Datasheet HTML 6Page - Synaptics Incorporated. RF210B Datasheet HTML 7Page - Synaptics Incorporated. RF210B Datasheet HTML 8Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RF210(A/B)
Image-Reject Downconverter
4
Conexant
100775A
October 20, 1999
Proprietary Information and Specifications are Subject to Change
Table 4. RF210(A/B) Electrical Specifications (2 of 2)
(TA = 25 C, Vcc = 3.0 V, fIF = 400 MHz, Plo = –10 dBm)
Parameter
Test Condition
Min
Typical
Max
Units
DCS1800/PCS1900 Mode, BANDSEL = 1
Supply current:
Enable mode
Sleep mode
ENA = 1
ENA = 0
42
250
mA
µA
RF input frequency
1805
1990
MHz
IF frequency
350
400
450
MHz
LO frequency
1355
1640
MHz
LO to RF input isolation
30
dB
Input impedance
LNA1800IN = 1900 MHz
40 – j10
Ω
Gain:
High gain (RF210A and RF210B)
Low gain (8 dB attenuation, RF210A)
Low gain (16 dB attenuation, RF210B)
Gain variation vs. Frequency
Gain step tracking error
GAINSEL = 0
GAINSEL = 1
GAINSEL = 1
19
11
3
0.5
1
0.5
dB
dB
dB
dB
dB
Noise figure:
High gain (19 dB gain, RF210A and RF210B)
Low gain (11 dB gain, RF210A)
Low gain (3 dB gain, RF210B)
High gain (19 dB gain, RF210A and RF210B)
(Note 3)
No blocker,
GAINSEL = 0
GAINSEL = 1
GAINSEL = 1
–22 dBm blocker,
GAINSEL = 0
3.5
9.0
15
4.1
4.5
11
16
dB
dB
dB
dB
Input 1 dB compression point
–24
dBm
Input third order intercept point
–17
dBm
IF shunt resistance/side
400
500
600
Ω
Spurious response (Note 2):
2(RF) x 2(LO) and 3(RF) x 3(LO)
Interferer = –65 dBm
–53
dB
Image rejection
35
dB
Control Signals (All Modes)
Enable (ENA) and gain select (GAINSEL) input voltages:
VIH
VIL
1.9
0.8
V
V
Enable (ENA) and gain select (GAINSEL) input currents:
IIH
IIL
–10
20
–1
100
0
µA
µA
Enable time
15
µs
Bandselect switching time
15
µs
Note 1: Assumes 0 dBm @ 915 MHz blocker at the antenna input attenuated by 28 dB.
Note 2: The rejection is specified with respect to the desired signal gain.
Note 3: Assumes –12 dBm @ 1785 MHz blocker at the antenna input attenuated by 10 dB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com