Electronic Components Datasheet Search
  English  ▼

X  

BLW60C Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLW60C
Description  VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW60C Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLW60C Datasheet HTML 7Page - NXP Semiconductors BLW60C Datasheet HTML 8Page - NXP Semiconductors BLW60C Datasheet HTML 9Page - NXP Semiconductors BLW60C Datasheet HTML 10Page - NXP Semiconductors BLW60C Datasheet HTML 11Page - NXP Semiconductors BLW60C Datasheet HTML 12Page - NXP Semiconductors BLW60C Datasheet HTML 13Page - NXP Semiconductors BLW60C Datasheet HTML 14Page - NXP Semiconductors BLW60C Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
March 1993
12
Philips Semiconductors
Product specification
VHF power transistor
BLW60C
Fig.16
handbook, halfpage
020
40
−20
d3, d5
(dB)
−60
−40
MGP493
P.E.P. (W)
d5
d3
intermodulation distortion versus
output power *
Fig.17
handbook, halfpage
020
40
40
ηdt
(%)
0
20
MGP494
P.E.P. (W)
typ
double-tone efficiency versus
output power
Fig.18
handbook, halfpage
020
40
−20
d3, d5
(dB)
−60
−40
MGP495
P.E.P. (W)
d3
d5
intermodulation distortion versus
output power *
Fig.19
handbook, halfpage
020
40
40
ηdt
(%)
0
20
MGP496
P.E.P. (W)
typ
double-tone efficiency versus
output power
*
Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com