Electronic Components Datasheet Search
  English  ▼

X  

BLW60C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW60C
Description  VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW60C Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW60C Datasheet HTML 1Page - NXP Semiconductors BLW60C Datasheet HTML 2Page - NXP Semiconductors BLW60C Datasheet HTML 3Page - NXP Semiconductors BLW60C Datasheet HTML 4Page - NXP Semiconductors BLW60C Datasheet HTML 5Page - NXP Semiconductors BLW60C Datasheet HTML 6Page - NXP Semiconductors BLW60C Datasheet HTML 7Page - NXP Semiconductors BLW60C Datasheet HTML 8Page - NXP Semiconductors BLW60C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
March 1993
2
Philips Semiconductors
Product specification
VHF power transistor
BLW60C
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for use in class-A,
B and C operated mobile, industrial
and military transmitters with a
nominal supply voltage of 12,5 V. The
transistor is resistance stabilized and
is guaranteed to withstand severe
load mismatch conditions with a
supply over-voltage to 16,5 V.
Matched hFE groups are available on
request.
It has a 3/8" capstan envelope with a
ceramic cap. All leads are isolated
from the stud.
QUICK REFERENCE DATA
R.F. performance up to Th =25 °C
MODE OF OPERATION
VCC
V
f
MHz
PL
W
GL
dB
η
%
zi
Ω
ZL
Ω
d3
dB
c.w. (class-B)
12,5
175
45
> 5,0
> 75
1,2
+ j1,4
2,6
− j1,2
−
s.s.b. (class-AB)
12,5 1,6-28
3-30 (P.E.P.) typ. 19,5
typ. 35
−−
typ.
−33
PIN CONFIGURATION
Fig.1 Simplified outline. SOT120A.
handbook, halfpage
MSB056
2
3
1
4
PINNING - SOT120A.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com